データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3002 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 TS3002
部品情報  Easy-to-Use Silicon Oscillator/Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3002 データシート(HTML) 1 Page - Silicon Laboratories

  TS3002 Datasheet HTML 1Page - Silicon Laboratories TS3002 Datasheet HTML 2Page - Silicon Laboratories TS3002 Datasheet HTML 3Page - Silicon Laboratories TS3002 Datasheet HTML 4Page - Silicon Laboratories TS3002 Datasheet HTML 5Page - Silicon Laboratories TS3002 Datasheet HTML 6Page - Silicon Laboratories TS3002 Datasheet HTML 7Page - Silicon Laboratories TS3002 Datasheet HTML 8Page - Silicon Laboratories TS3002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS3002
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1µA at 25kHz
 Supply Voltage Operation: 0.9V to 1.8V
 Programmable Frequency Range:
o
5.2kHz
≤ FOUT ≤ 90kHz (BOOST = GND)
o
5.2kHz
≤ FOUT ≤ 290kHz (BOOST = VDD)
 FOUT Period Drift: 0.044%/°C
 PWMOUT Duty Cycle Range: 12% to 90%
 Single Resistor and Capacitor Set Output
Frequency
 Output Driver Resistance: 160
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Nanopower Replacement for Crystal and
Ceramic Oscillators
Nanopower Pulse-width Modulation Control
Nanopower Pulse-position Modulation Control
Nanopower Clock Generation
Nanopower Sequential Timing
DESCRIPTION
The TS3002 is the industry’s first and only single-
supply CMOS oscillator fully specified to operate at
1V while consuming a 1µA supply current at an
output frequency of 25kHz. This oscillator is compact,
easy-to-use, and versatile. Optimized for ultra-long
life, battery-powered applications, the TS3002 is the
first oscillator in the “NanoWatt Analog™” high-
performance analog integrated circuits portfolio. The
TS3002 can operate from single-supply voltages from
0.9V to 1.8V.
Requiring only a resistor and a capacitor to set the
output frequency, the TS3002 represents a 66%
reduction in pcb area and a factor-of-10 reduction in
power
consumption
over
other
CMOS-based
integrated circuit oscillators. When compared against
industry-standard
555-timer-based
products,
the
TS3002 offers up to 93% reduction in pcb area and
four orders of magnitude lower power consumption.
The TS3002 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile, 8-
pin 2x2mm TDFN package with an exposed back-
side paddle.
A 1V/1µA Easy-to-Use Silicon Oscillator/Timer
TYPICAL APPLICATION CIRCUIT
Table 1: FOUT vs RSET, CSET = 7.9pF
RSET (M
Ω) FOUT (kHz)
1
106
2.49
43
4.32
25
6.81
16
9.76
11
Table 2: FOUT vs CSET, RSET = 4.32M
CSET (pF)
FOUT (kHz)
5
39
7.9
25
10
19
15
13
20
10


同様の部品番号 - TS3002

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

同様の説明 - TS3002

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com