データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3002 データシート(PDF) 3 Page - Silicon Laboratories

部品番号 TS3002
部品情報  Easy-to-Use Silicon Oscillator/Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3002 データシート(HTML) 3 Page - Silicon Laboratories

  TS3002 Datasheet HTML 1Page - Silicon Laboratories TS3002 Datasheet HTML 2Page - Silicon Laboratories TS3002 Datasheet HTML 3Page - Silicon Laboratories TS3002 Datasheet HTML 4Page - Silicon Laboratories TS3002 Datasheet HTML 5Page - Silicon Laboratories TS3002 Datasheet HTML 6Page - Silicon Laboratories TS3002 Datasheet HTML 7Page - Silicon Laboratories TS3002 Datasheet HTML 8Page - Silicon Laboratories TS3002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS3002
TS3002 Rev. 1.0
Page 3
ELECTRICAL CHARACTERISTICS
VDD = 1V, VCNTRL = VDD, VBOOST = 0V, RSET = 4.32MΩ, CSET = 7.9pF, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF, CLOAD(PWM) = 0pF unless
otherwise noted. Values are at TA = 25°C unless otherwise noted. See Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
0.9
1
1.8
V
Supply Current
IDD
1
1.5
µA
-40°C
≤ T
A ≤ 85°C
2.8
VCNTRL = 0.15 x VDD
2.1
3.7
-40°C
≤ T
A ≤ 85°C
5.4
VBOOST = VDD
2.16
3.2
-40°C
≤ T
A ≤ 85°C
4.8
VBOOST = VDD, VCNTRL = 0.15 x VDD
3.6
5.3
-40°C
≤ T
A ≤ 85°C
7.3
FOUT Period
tFOUT
37
40.6
44
µs
-40°C
≤ T
A ≤ 85°C
34.7
45.6
VBOOST = VDD
36
39.5
43
-40°C
≤ T
A ≤ 85°C
33
48
FOUT Period Line
Regulation
∆t
FOUT/V
1V
≤ V
DD ≤ 1.8V
1.3
%/V
VBOOST = VDD
-1.6
FOUT Period
Temperature Coefficient
∆t
FOUT/∆T
0.044
%/°C
VBOOST = VDD
0.086
PWMOUT Duty Cycle
DC(PWMOUT)
VCNTRL = 0.03 x VDD
4.5
8.9
13
%
VCNTRL = 0.15 x VDD
44
49.3
54
VCNTRL = 0.27 x VDD
83
90.5
97
VCNTRL = 0.03 x VDD
VBOOST = VDD
4.5
8.5
12.5
VCNTRL = 0.15 x VDD
47
50.4
54
VCNTRL = 0.27 x VDD
86
91.2
96
FOUT, PWMOUT
Rise Time
tRISE
See Note 2, CL = 15pF
8.6
ns
FOUT, PWMOUT
Fall Time
tFALL
See Note 2, CL = 15pF
7.9
ns
FOUT Jitter
See Note 3
0.08
%
RSET Pin Voltage
V(RSET)
0.3
V
CNTRL Output Current
ICNTRL
25
45
nA
-40°C
≤ T
A ≤ 85°C
80
PWMOUT Enable
VPWM_EN
(VDD - VCNTRL ), 0.9V < VDD < 1.8V
375
mV
PWMOUT Disable
VPWM_DIS
(VDD - VCNTRL ), 0.9V < VDD < 1.8V
131
mV
BOOST Enable
VIH
(VDD – VBOOST ), 0.9V < VDD < 1.8V
77
mV
BOOST Disable
VIL
0.9V < VDD < 1.8V
77
mV
BOOST Input Current
IBOOST
10
nA
High Level Output
Voltage, FOUT and
PWMOUT
VDD - VOH
IOH = 1mA
160
mV
Low-level Output
Voltage, FOUT and
PWMOUT
VOL
IOL = 1mA
140
mV
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = TMIN to TMAX, as specified.
Note 2: Output rise and fall times are measured between the 10% and 90% of the VDD power-supply voltage levels. The specification is based
on lab bench characterization and is not tested in production.
Note 3: Timing jitter is the ratio of the peak-to-peak variation of the period to the mean of the period. The specification is based on lab bench
characterization and is not tested in production.


同様の部品番号 - TS3002

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

同様の説明 - TS3002

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com