データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3004ITD1033 データシート(PDF) 2 Page - Silicon Laboratories

部品番号 TS3004ITD1033
部品情報  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004ITD1033 データシート(HTML) 2 Page - Silicon Laboratories

  TS3004ITD1033 Datasheet HTML 1Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 2Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 3Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 4Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 5Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 6Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 7Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 8Page - Silicon Laboratories TS3004ITD1033 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS3004
Page 2
TS3004 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
VDD to GND................................................................. -0.3V to +5.5V
PWM_CNTRL to GND................................................ -0.3V to +5.5V
FOUT, PWMOUT to GND .......................................... -0.3V to +5.5V
RSET to GND............................................................. -0.3V to +2.5V
CPWM to GND........................................................... -0.3V to +5.5V
FDIV to GND .............................................................. -0.3V to +5.5V
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ... 1078mW
Operating Temperature Range................................. -40°C to +85°C
Storage Temperature Range.................................. -65°C to +150°C
Lead Temperature (Soldering, 10s)...................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS3004ITD1033
3004I
Tape
& Reel
-----
TS3004ITD1033T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.


同様の部品番号 - TS3004ITD1033

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3004ITD1033T TOUCHSTONE-TS3004ITD1033T Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3004ITD1033TP TOUCHSTONE-TS3004ITD1033TP Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
More results

同様の説明 - TS3004ITD1033

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com