データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS6001AIG325 データシート(PDF) 8 Page - Silicon Laboratories

部品番号 TS6001AIG325
部品情報  Improved Electrical Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001AIG325 データシート(HTML) 8 Page - Silicon Laboratories

Back Button TS6001AIG325 Datasheet HTML 4Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 5Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 6Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 7Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 8Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 9Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 10Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 11Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TS6001
Page 8
TS6001 Rev. 1.0
Supply Current
The TS6001 exhibits excellent dc line regulation as
its supply current changes slightly as a function of
the applied supply voltage. Because of a unique bias
loop design, the change in its supply current as a
function of supply voltage (its
∆IIN/∆VIN) is less than
0.1
μA/V. Since the TS6001 is a series-mode
reference, load current is drawn from the supply
voltage only when required. In this case, circuit
efficiency
is
maintained
at
all
applied
supply
voltages. Reducing power dissipation and extending
battery life are the net benefits of improved circuit
efficiency.
When the applied supply voltage is less than the
minimum specified input voltage of the TS6001 (for
example,
during
the
power-up
or
“cold-start”
transition),
the
TS6001
performs
an
internal
calibration routine and can draw up to 200
μA above
its nominal, steady-state supply current. This internal
calibration sequence also dominates the TS6001’s
turn-on time. To ensure reliable power-up behavior,
the input power source must have sufficient reserve
power to provide the extra supply current drawn
during the power-up transition.
Voltage Reference Turn-On Time
With a (VIN – VOUT) voltage differential larger than
200mV and ILOAD = 0mA, the TS6001’s typical
combined turn-on and settling time to within 0.1% of
its 2.5V final value is approximately 340
μs.
Output Voltage Hysteresis
Reference output voltage thermal hysteresis is the
change in the reference’s +25°C output voltage after
temperature cycling from +25°C to +85°C to +25°C
and from +25°C to -40°C to +25°C. Thermal
hysteresis is caused by differential package stress
impressed upon the TS6001’s internal bandgap core
transistors and depends on whether the reference IC
was previously at a higher or lower temperature. At
100ppm,
the
TS6001’s
typical
temperature
hysteresis is equal to 0.25mV with respect to a 2.5V
output voltage.
Connecting Two or More TS6001s in Stacked
VOUT Arrangements
In many applications, it is desired to combine the
outputs of two or more precision voltage references,
especially if the combined output voltage is not
available or is an uncommon output voltage. One
such technique for combining (or “stacking”) the
outputs of precision voltage references is illustrated
in Figure 3.
In this example and powered by an unregulated
supply voltage (VIN
≥ +5.2V), two TS6001-2.5
precision voltage references are used. The GND
terminal of REFA is connected to the OUT terminal
of REFB. This connection produces two output
voltages, VREFOUT1 and VREFOUT2, where VREFOUT1 is
the terminal voltage of REFB and VREFOUT2 is
VREFOUT1 plus the OUT terminal voltage of REFB. By
implementing this stacked arrangement with a pair
of TS6001-2.5s, VREFOUT2 is 5V and VREFOUT1 is 2.5V.
Although the TS6001-2.5s do not specifically require
input bypass capacitors, it is good engineering
practice to bypass both references from VIN to the
global GND terminal (at REFB). If either or both
reference
ICs
are
required
to
drive
a
load
capacitance, it is also good engineering practice to
route the load capacitor’s return lead to each
reference’s corresponding REF’s GND terminal. The
circuit’s minimum input supply voltage, VIN, is
determined by VREFOUT2 and REFB’s dropout voltage
(75mV, typically).
How to Configure the TS6001 into a General-
Purpose Current Source
In many low-voltage applications, a general-purpose
current source is needed with very good line
regulation. The TS6001-2.5 can be configured as a
grounded-load, floating current source as shown
Figure 4. In this example, the TS6001-2.5’s output
voltage is bootstrapped across an external resistor
(R1 + P1) which, in turn, sets the output current. The
circuit’s total output current is IOUT = ISET+IQSC where
IQSC is the TS6001 supply current (up to 35µA). For
Figure 3: Connecting Two TS6001-2.5s in a
Stacked VREFOUT Arrangement


同様の部品番号 - TS6001AIG325

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

同様の説明 - TS6001AIG325

メーカー部品番号データシート部品情報
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Keysight Technologies
N5392C KEYSIGHT-N5392C Datasheet
1Mb / 15P
   Electrical Performance Validation
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Agilent(Hewlett-Packard...
N5392A HP-N5392A Datasheet
1Mb / 14P
   Ethernet Electrical Performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com