データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC3484IRKD25 データシート(PDF) 6 Page - Texas Instruments

部品番号 DAC3484IRKD25
部品情報  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKD25 データシート(HTML) 6 Page - Texas Instruments

Back Button DAC3484IRKD25 Datasheet HTML 2Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 3Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 4Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 5Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 6Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 7Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 8Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 9Page - Texas Instruments DAC3484IRKD25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
DAC3484
SLAS749E – MARCH 2011 – REVISED NOVEMBER 2015
www.ti.com
Pin Functions - WQFN (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
A7, A8, B9,
LVDS positive input data bits 0 through 15. Internal 100-
Ω termination resistor. Data format relative to
B10, A12,
DATACLKP/N clock is Double Data Rate (DDR).
A13, A14,
D15P is most significant data bit (MSB)
A15, B17,
D[15..0]P
I
D0P is least significant data bit (LSB)
B18, B19,
B20, A23,
A24, B23,
The order of the bus can be reversed via config2 revbus bit.
B24
B7, B8, A10,
A11, B11,
B12, B13,
B14, A19,
D[15..0]N
I
LVDS negative input data bits 0 through 15. (See D[15:0]P description above)
A20, A21,
A22, B21,
B22, A26,
A27
DACCLKP
A3
I
Positive external LVPECL clock input for DAC core with a self-bias.
DACCLKN
B3
I
Complementary external LVPECL clock input for DAC core. (see the DACCLKP description)
A35, A39,
DAC core supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DACVDD
I
A43
DIGVDD.
LVDS positive input data clock. Internal 100
Ω termination resistor. Input data D[15:0]P/N is latched
DATACLKP
A16
I
on both edges of DATACLKP/N (Double Data Rate).
DATACLKN
B15
I
LVDS negative input data clock. (See DATACLKP description)
A6, A9, A25,
DIGVDD
I
Digital supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and DACVDD.
A28
Used as external reference input when internal reference is disabled through config27 extref_ena =
EXTIO
A34
I/O
1b. Used as internal reference output when config27 extref_ena = 0b (default). Requires a 0.1-µF
decoupling capacitor to AGND when used as reference output.
LVDS frame indicator positive input. Internal 100-
Ω termination resistor.
The main functions of this input are to reset the FIFO pointer or to be used as a syncing source.
These two functions are captured with the rising edge of DATACLKP/N. The signal captured by the
FRAMEP
B16
I
falling edge of DATACLKP/N can be used as a block parity bit. The FRAMEP/N signal should be
edge-aligned with D[15:0]P/N.
Additionally it is used to indicate the beginning of the frame.
FRAMEN
A18
I
LVDS frame indicator negative input. (See the FRAMEP description)
C1, C2, C3,
GND
C4, Thermal
I
These pins are ground for all supplies.
Pad
IOUTAP
B39
O
A-Channel DAC current output. Connect directly to ground if unused.
IOUTAN
B38
O
A-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTBP
B36
O
B-Channel DAC current output. Connect directly to ground if unused.
IOUTBN
B37
O
B-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTCP
B35
O
C-Channel DAC current output. Connect directly to ground if unused.
IOUTCN
B34
O
C-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTDP
B32
O
D-Channel DAC current output. Connect directly to ground if unused.
IOUTDN
B33
O
D-Channel DAC complementary current output. Connect directly to ground if unused.
IOVDD
B6, A17, B25
I
Supply voltage for all digital I/O. (3.3 V)
LPF
A1
I/O
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left unconnected.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
A2
I
DACCLKP/N. It is used for multiple DAC synchronization. If unused it can be left unconnected.
OSTRN
B2
I
LVPECL output strobe negative input. (See the OSTRP description)
Optional LVDS positive input parity bit. The PARITYP/N LVDS pair has an internal 100
Ω termination
PARITYP
B26
I
resistor. If unused it can be left unconnected.
PARITYN
A29
I
Optional LVDS negative input parity bit.
PLLAVDD
B1
I
PLL analog supply voltage. (3.3 V)
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC3484


同様の部品番号 - DAC3484IRKD25

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

同様の説明 - DAC3484IRKD25

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com