データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8811IBDGKT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8811IBDGKT
部品情報  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDGKT データシート(HTML) 4 Page - Texas Instruments

  DAC8811IBDGKT Datasheet HTML 1Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 2Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 3Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 4Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 5Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 6Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 7Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 8Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
1
2
3
4
8
7
6
5
CLK
SDI
RFB
VREF
CS
VDD
GND
IOUT
CLK
SDI
RFB
VREF
CS
VDD
GND
IOUT
1
2
3
4
8
7
6
5
4
DAC8811
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DAC8811
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
INL (LSB)
DNL (LSB)
DAC8811ICDGK
±1
±1
DAC8811IBDGK
±2
±1
DAC8811ICDRB
±1
±1
DAC8811IBDRB
±2
±1
6
Pin Configuration and Functions
DRB Package
8-Pins VSON
Top View
DGK Package
8-Pins VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
CLK
1
I
Clock input; positive edge triggered clocks data into shift register
SDI
2
I
Serial register input; data loads directly into the shift register MSB first. Extra leading bits are
ignored.
RFB
3
O
Internal matching feedback resistor. Connect to external op amp output.
VREF
4
I
DAC reference input pin. Establishes DAC full-scale voltage. Constant input resistance versus
code.
IOUT
5
O
DAC current output. Connects to inverting terminal of external precision I/V op amp.
GND
6
G
Analog and digital ground.
VDD
7
I
Positive power supply input. Specified operating range of 2.7 V to 5.5 V.
CS
8
I
Chip-select; active low digital input. Transfers shift register data to DAC register on rising edge.
See Table 1 for operation.


同様の部品番号 - DAC8811IBDGKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8811IBDGKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com