データシートサーチシステム |
|
DAC8811ICDGKRG4 データシート(PDF) 1 Page - Texas Instruments |
|
|
DAC8811ICDGKRG4 データシート(HTML) 1 Page - Texas Instruments |
1 / 29 page D/A Converter Power-On Reset DAC Register Shift Register 16 16 RFB IOUT GND VDD VREF CS CLK SDI DAC8811 Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. DAC8811 SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016 DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter 1 1 Features 1 • ±0.5 LSB DNL • 16-Bit Monotonic • ±1 LSB INL • Low Noise: 12 nV/ √Hz • Low Power: IDD = 2 µA • 2.7-V to 5.5-V Analog Power Supply • 2-mA Full-Scale Current ±20%, with VREF = 10 V • 50-MHz Serial Interface • 0.5- μs Settling Time • 4-Quadrant Multiplying Reference • Reference Bandwidth: 10 MHz • ±10-V Reference Input • Reference Dynamics: –105 THD • Tiny 8-Lead 3 × 3 mm VSON and 3 × 5 mm VSSOP Packages • Industry-Standard Pin Configuration 2 Applications • Automatic Test Equipment • Instrumentation • Digitally Controlled Calibration • Industrial Control PLCs 3 Description The DAC8811 multiplying digital-to-analog converter (DAC) is designed to operate from a single 2.7-V to 5.5-V supply. The applied external reference input voltage VREF determines the full-scale output current. An internal feedback resistor (RFB) provides temperature tracking for the full-scale output when combined with an external I-to-V precision amplifier. A serial data interface offers high-speed, three-wire microcontroller-compatible inputs using data-in (SDI), clock (CLK), and chip-select (CS). On power-up, the DAC register is filled with zeroes, and the DAC output is at zero scale. The DAC8811 is packaged in space-saving 8-lead VSON and VSSOP packages. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) DAC8811 VSSOP (8) 3.00 mm × 3.00 mm VSON (8) 3.00 mm × 3.00 mm (1) For all available packages, see the orderable addendum at the end of the datasheet. Simplified Schematic |
同様の部品番号 - DAC8811ICDGKRG4 |
|
同様の説明 - DAC8811ICDGKRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |