データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8812ICPW データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8812ICPW
部品情報  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812ICPW データシート(HTML) 6 Page - Texas Instruments

Back Button DAC8812ICPW Datasheet HTML 2Page - Texas Instruments DAC8812ICPW Datasheet HTML 3Page - Texas Instruments DAC8812ICPW Datasheet HTML 4Page - Texas Instruments DAC8812ICPW Datasheet HTML 5Page - Texas Instruments DAC8812ICPW Datasheet HTML 6Page - Texas Instruments DAC8812ICPW Datasheet HTML 7Page - Texas Instruments DAC8812ICPW Datasheet HTML 8Page - Texas Instruments DAC8812ICPW Datasheet HTML 9Page - Texas Instruments DAC8812ICPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
DAC8812
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(3)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
SUPPLY CHARACTERISTICS
VDD RANGE
Power supply range
2.7
5.5
V
IDD
Positive supply current
Logic inputs = 0 V, VDD = 4.5 V to 5.5 V
2
5
μA
Logic inputs = 0 V, VDD = 2.7 V to 3.6 V
1
2.5
μA
PDISS
Power dissipation
Logic inputs = 0 V
0.0275
mW
PSS
Power supply sensitivity
ΔVDD = ±5%
0.006%
AC CHARACTERISTICS(2) (3)
ts
Output voltage settling time
To ±0.1% of full-scale,
Data = 0000h to FFFFh to 0000h
0.3
µs
To ±0.0015% of full-scale,
Data = 0000h to FFFFh to 0000h
0.5
QG
DAC glitch impulse
VREFx = 10 V, data = 7FFFh to 8000h to 7FFFh
5
nV-s
BW –3 dB
Reference multiplying BW
VREFx = 100 mVRMS, data = FFFFh, CFB = 3 pF
10
MHz
Feedthrough error
Data = 0000h, VREFx = 100 mVRMS,
f = 100 kHz
–70
dB
Crosstalk error
Data = 0000h, VREFB = 100 mVRMS,
Adjacent channel, f = 100 kHz
–100
dB
QD
Digital feedthrough
CS = 1 and fCLK = 1 MHz
1
nV-s
THD
Total harmonic distortion
VREF = 5 VPP, data = FFFFh, f = 1 kHz
–105
dB
en
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(1)
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
7.6 Timing Requirements
See Figure 1
MIN
NOM
MAX
UNIT
INTERFACE TIMING(1)
tCH
Clock duration, high
10
ns
tCL
Clock duration, low
10
ns
tCSS
CS to clock setup
0
ns
tCSH
Clock to CS hold
10
ns
tLDAC
Load DAC pulse duration
20
ns
tDS
Data setup
10
ns
tDH
Data hold
10
ns
tLDS
Load setup
5
ns
tLDH
Load hold
25
ns
7.7 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERFACE TIMING
tPD
Clock to SDO propagation delay
2
20
ns


同様の部品番号 - DAC8812ICPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8812ICPW TI-DAC8812ICPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812ICPWR TI-DAC8812ICPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8812ICPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com