データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8811ICDRBT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8811ICDRBT
部品情報  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDRBT データシート(HTML) 5 Page - Texas Instruments

  DAC8811ICDRBT Datasheet HTML 1Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 2Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 3Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 4Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 5Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 6Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 7Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 8Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
DAC8811
www.ti.com
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: DAC8811
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VDD to GND
–0.3
7
V
V (IOUT) to GND
–0.3
VDD + 0.3
V
Digital input voltage
GND
–0.3
VDD + 0.3
V
Reference voltage, VREF
RFB to GND
–25
25
V
Operating temperature
–40
105
°C
Junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage to GND
2.7
5.5
V
Operating ambient temperature, TA
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
DAC8811
UNIT
DGK (VSSOP)
DRB (VSON)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
169.6
46.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.2
61.3
°C/W
RθJB
Junction-to-board thermal resistance
90.3
22
°C/W
ψJT
Junction-to-top characterization parameter
7.7
1.1
°C/W
ψJB
Junction-to-board characterization parameter
88.8
22.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
3.8
°C/W


同様の部品番号 - DAC8811ICDRBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811ICDRBT TI1-DAC8811ICDRBT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8811ICDRBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com