データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0202 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPL0202
部品情報  Dual Channel Digital Potentiometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0202 データシート(HTML) 1 Page - Texas Instruments

  TPL0202 Datasheet HTML 1Page - Texas Instruments TPL0202 Datasheet HTML 2Page - Texas Instruments TPL0202 Datasheet HTML 3Page - Texas Instruments TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
SPI INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
HA
LA
HB
LB
WA
WB
VDD
GND
SCLK
DIN
CS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPL0202
SLIS135D – DECEMBER 2010 – REVISED OCTOBER 2015
TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
1 Features
3 Description
The
TPL0202
has
two
linear-taper
digital
1
Two Potentiometers With 256-Position Resolution
potentiometers (DPOTs) with 256 wiper positions.
Non-Volatile Memory Stores Wiper Settings
Each potentiometer can be used as a three-terminal
10-k
Ω End-to-End Resistance (TPL0202-10)
potentiometer or as a two-terminal rheostat. The
TPL0202-10 has an end-to-end resistance of 10 k
Ω.
Fast Power-up Response Time: <100 µs
±1 LSB INL, ±0.5 LSB DNL (Voltage-Divider
This
DPOT
can
be
used
as
a
mechanical
Mode)
potentiometer replacement, allowing the user (or
software) to digitally control and adjust resistance.
12 ppm/°C Ratiometric Temperature Coefficient
The TPL0202 has non-volatile memory (EEPROM)
SPI Serial Interface
which can be used to store the wiper position for
2.7 to 5.5 V Single-Supply Operation
automatic
recall
upon
power-up.
The
internal
Operating Temperature Range From –40°C to
registers of the TPL0202 can be accessed using a
105°C
SPI-compatible digital interface.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Adjustable Gain Amplifiers and Offset Trimming
TPL0202
WQFN (16)
3.00 mm × 3.00 mm
Adjustable Power Supplies
(1) For all available packages, see the orderable addendum at
Precision Calibration of Set Point Thresholds
the end of the data sheet.
Sensor Trimming and Calibration
Mechanical Potentiometer Replacement
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPL0202

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10MRTER TI1-TPL0202-10MRTER Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10RUCR TI1-TPL0202-10RUCR Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
More results

同様の説明 - TPL0202

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com