データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5100 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL5100
部品情報  Nano-Power Programmable Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5100 データシート(HTML) 6 Page - Texas Instruments

Back Button TPL5100 Datasheet HTML 2Page - Texas Instruments TPL5100 Datasheet HTML 3Page - Texas Instruments TPL5100 Datasheet HTML 4Page - Texas Instruments TPL5100 Datasheet HTML 5Page - Texas Instruments TPL5100 Datasheet HTML 6Page - Texas Instruments TPL5100 Datasheet HTML 7Page - Texas Instruments TPL5100 Datasheet HTML 8Page - Texas Instruments TPL5100 Datasheet HTML 9Page - Texas Instruments TPL5100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPL5100
SNAS629C – JULY 2013 – REVISED DECEMBER 2014
www.ti.com
6.6 Timing Requirements TCAL, MOS_DRV, DONE, PGOOD
MIN
NOM
MAX
UNIT
trTCAL
Rise Time TCAL
Capacitve load 15 pF
50
ns
tfTCAL
Fall Time TCAL
Capacitve load 15 pF
50
ns
trMOS_DRV
Rise Time MOS_DRV
Capacitve load 50 pF
4
ns
tfMOS_DRV
Fall Time MOS_DRV
Capacitve load 50 pF
50
ns
Min delay
100
ns
tDDONE
DONE to MOS_DRV delay
Max delay
tDP-5 ×
ms
tCAL
tDTCAL
TCAL to MOS_DRV delay
tCAL/2
ms
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPL5100


同様の部品番号 - TPL5100

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
[Old version datasheet]   TPL5100 Nano Power Programmable Timer with MOS driver
TPL5100DGSR TI-TPL5100DGSR Datasheet
748Kb / 14P
[Old version datasheet]   TPL5100 Nano Power Programmable Timer with MOS driver
TPL5100DGST TI-TPL5100DGST Datasheet
748Kb / 14P
[Old version datasheet]   TPL5100 Nano Power Programmable Timer with MOS driver
More results

同様の説明 - TPL5100

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
[Old version datasheet]   TPL5100 Nano Power Programmable Timer with MOS driver
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com