データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5111 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL5111
部品情報  Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 データシート(HTML) 6 Page - Texas Instruments

Back Button TPL5111 Datasheet HTML 2Page - Texas Instruments TPL5111 Datasheet HTML 3Page - Texas Instruments TPL5111 Datasheet HTML 4Page - Texas Instruments TPL5111 Datasheet HTML 5Page - Texas Instruments TPL5111 Datasheet HTML 6Page - Texas Instruments TPL5111 Datasheet HTML 7Page - Texas Instruments TPL5111 Datasheet HTML 8Page - Texas Instruments TPL5111 Datasheet HTML 9Page - Texas Instruments TPL5111 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
EN/ONE_SHOT
VDD
DONE
DRV
ttIPt
ttDDONEt
tDONE
trDRV
tfDRV
DELAY/M_RST
ttM_DRVt
tR_EXT
ttIPt
ttDRVnt
ttDRVn + tDBt
TPL5111
SNAS659A – JUNE 2015 – REVISED JULY 2015
www.ti.com
6.6 Timing Requirements
MIN(1)
NOM(2)
MAX(1)
UNIT
trDRVn
Rise Time DRVn(3)
Capacitive load 50 pF
50
ns
tfDRVn
Fall Time DRVn(3)
Capacitive load 50 pF
50
ns
Min delay(4)
100
ns
tDDONE
DONE to DRVn delay
Max delay (4)
tDRVn
tM_DRV
Valid manual MOSFET Power ON
Observation time 30ms
20
ms
De-bounce manual MOSFET Power
tDB
20
ms
ON
(1)
Limits are specified by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are specified through
correlations using statistical quality control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
This parameter is specified by design and/or characterization and is not tested in production.
(4)
from DRVn rising edge.
Figure 1. TPL5111 Timing
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPL5111


同様の部品番号 - TPL5111

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCR TI1-TPL5111DDCR Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCT TI1-TPL5111DDCT Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
More results

同様の説明 - TPL5111

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com