データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF25N60M2-EP データシート(PDF) 9 Page - STMicroelectronics

部品番号 STF25N60M2-EP
部品情報  N-channel 600 V, 0.175typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N60M2-EP データシート(HTML) 9 Page - STMicroelectronics

Back Button STF25N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 9Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 10Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 11Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 12Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STF25N60M2-EP
Test circuits
DocID027251 Rev 2
9/14
3
Test circuits
Figure 15: Switching times test circuit for resistive
load
Figure 16: Gate charge test circuit
Figure 17: Test circuit for inductive load
switching and diode recovery times
Figure 18: Unclamped inductive load test circuit
Figure 19: Unclamped inductive waveform
Figure 20: Switching time waveform
AM01469v 1
VDD
47 k
Ω
1 k
Ω
47 k
Ω
2.7 k
Ω
1 k
Ω
12 V
Vi
≤ VGS
2200 μ F
PW
I G = CONST
100 Ω
100 nF
D.U.T.
VG
V
(BR)DSS
V
DD
V
DD
V
D
I
DM
I
D
AM01472v 1
AM01473v 1
0
V
GS
90%
V
DS
t
on
90%
10%
90%
10%
t
d(on)
t
r
t
t
d(off)
t
f
10%
0
off


同様の部品番号 - STF25N60M2-EP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF25N10F7 STMICROELECTRONICS-STF25N10F7 Datasheet
1Mb / 21P
   Ultra low on-resistance
September 2013 Rev 1
logo
Inchange Semiconductor ...
STF25N10F7 ISC-STF25N10F7 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF25N80K5 STMICROELECTRONICS-STF25N80K5 Datasheet
1Mb / 22P
   N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
STF25NM50N STMICROELECTRONICS-STF25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STF25NM50N STMICROELECTRONICS-STF25NM50N Datasheet
514Kb / 18P
   N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
More results

同様の説明 - STF25N60M2-EP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STW25N60M2-EP STMICROELECTRONICS-STW25N60M2-EP Datasheet
274Kb / 14P
   N-channel 600 V, 0.175 typ., 18 A MDmeshTM M2 EP Power MOSFET in a TO-247 package
May 2018 Rev 3
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
   N-channel 600 V, 0.175 typ., 18 A MDmeshTM M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
   N-channel 600 V, 0.340 廓 typ., 11 A MDmesh??M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
   N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com