データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC34H84 データシート(PDF) 6 Page - Texas Instruments

部品番号 DAC34H84
部品情報  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84 データシート(HTML) 6 Page - Texas Instruments

Back Button DAC34H84_15 Datasheet HTML 2Page - Texas Instruments DAC34H84_15 Datasheet HTML 3Page - Texas Instruments DAC34H84_15 Datasheet HTML 4Page - Texas Instruments DAC34H84_15 Datasheet HTML 5Page - Texas Instruments DAC34H84_15 Datasheet HTML 6Page - Texas Instruments DAC34H84_15 Datasheet HTML 7Page - Texas Instruments DAC34H84_15 Datasheet HTML 8Page - Texas Instruments DAC34H84_15 Datasheet HTML 9Page - Texas Instruments DAC34H84_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
DAC34H84
SLAS751D – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
A10, A13,
A14, B10,
B11, B12,
B13, C5, C6,
C7, C8, C9,
C10, C13,
D8, D13,
D14, E8,
E12, E13,
F6, F7, F8,
F9, F12, F13,
G6, G7, G8,
GND
G9, G13,
I
These pins are ground for all supplies.
G14, H6, H7,
H8, H9, H13,
H14, J6, J7,
J8, J9, J12,
J13, K8, K13,
L8, L13, L14,
M5, M6, M7,
M8, M9,
M10, M11,
M12, M13,
N13, P13,
P14
IOUTAP
B14
O
A-Channel DAC current output. Connect directly to ground if unused.
IOUTAN
C14
O
A-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTBP
F14
O
B-Channel DAC current output. Connect directly to ground if unused.
IOUTBN
E14
O
B-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTCP
J14
O
C-Channel DAC current output. Connect directly to ground if unused.
IOUTCN
K14
O
C-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTDP
N14
O
D-Channel DAC current output. Connect directly to ground if unused.
IOUTDN
M14
O
D-Channel DAC complementary current output. Connect directly to ground if unused.
D5, D6, G5,
IOVDD
I
Supply voltage for all LVDS I/O. (3.3 V)
H5, L5. L6
Supply voltage for all CMOS I/O. (1.8 to 3.3 V) This supply can range from 1.8 V to 3.3 V to change
IOVDD2
L12
I
the input and output level of the CMOS I/O.
LPF
D12
I/O
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left unconnected.
Optional LVPECL output strobe positive input. This positive/negative pair is captured with the rising
OSTRP
A9
I
edge of DACCLKP/N. It is used to sync the divided-down clocks and FIFO output pointer in Dual Sync
Sources Mode. If unused it can be left unconnected.
OSTRN
B9
I
Optional LVPECL output strobe negative input. (See the OSTRP description)
Optional LVDS positive input parity bit for the CD-data bus. The PARITYCDP/N LVDS pair has an
internal 100-
Ω termination resistor. If unused it can be left unconnected.
PARITYCDP
N8
I
The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface
when setting the rev_interface bit in register config1.
PARITYCDN
P8
I
Optional LVDS negative input parity bit for the CD-data bus.
PLLAVDD
C11, D11
I
PLL analog supply voltage. (3.3 V)
SCLK
P9
I
Serial interface clock. Internal pull-down.
SDENB
P10
I
Active low serial data enable, always an input to the DAC34H84. Internal pull-up.
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional 4-pin mode. Internal
SDIO
P11
1/O
pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode
SDO
P12
O
(default).
SLEEP
N11
I
Active high asynchronous hardware power-down input. Internal pull-down.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC34H84


同様の部品番号 - DAC34H84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

同様の説明 - DAC34H84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com