データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC34SH84 データシート(PDF) 9 Page - Texas Instruments

部品番号 DAC34SH84
部品情報  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84 データシート(HTML) 9 Page - Texas Instruments

Back Button DAC34SH84_15 Datasheet HTML 5Page - Texas Instruments DAC34SH84_15 Datasheet HTML 6Page - Texas Instruments DAC34SH84_15 Datasheet HTML 7Page - Texas Instruments DAC34SH84_15 Datasheet HTML 8Page - Texas Instruments DAC34SH84_15 Datasheet HTML 9Page - Texas Instruments DAC34SH84_15 Datasheet HTML 10Page - Texas Instruments DAC34SH84_15 Datasheet HTML 11Page - Texas Instruments DAC34SH84_15 Datasheet HTML 12Page - Texas Instruments DAC34SH84_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
DAC34SH84
www.ti.com
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
Electrical Characteristics – DC Specifications (continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AVDD)
Analog supply current(4)
115
mA
Mode 7
I(DIGVDD)
Digital supply current
335
mA
fDAC = 1 GSPS, 2x interpolation,
I(DACVDD)
DAC supply current
23
mA
mixer off,QMC off, invsinc off,
I(CLKVDD)
Clock supply current
70
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
940
mW
I(AVDD)
Analog supply current(4)
45
mA
Mode 8
I(DIGVDD)
Digital supply current
655
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
mixer on, QMC on, invsinc on,
30
mA
PLL disabled, IF = 7.3 MHz, channels A/B/C/D
I(CLKVDD)
Clock supply current
95
mA
output sleep
P
Power dissipation
1169
mW
6.6 Electrical Characteristics – Digital Specifications
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INPUTS: DAB[15:0]P/N, DCD[15:0]P/N, DATACLKP/N, ISTRP/N, SYNCP/N, PARITYCDP/N(1)
Logic-high differential
VA,B+
input voltage
200
mV
threshold
Logic-low differential
VA,B–
input voltage
–200
mV
threshold
VCOM
Input common mode
1
1.2
1.6
V
ZT
Internal termination
85
110
135
Ω
LVDS input
CL
2
pF
capacitance
Interleaved LVDS
fINTERL
1500 MSPS
data transfer rate
fDATA
Input data rate
750 MSPS
CLOCK INPUT (DACCLKP/N)
Differential voltage(2)
|DACCLKP - DACCLKN|
0.4
1
V
Internally biased
common-mode
0.2
V
voltage
Single-ended swing
–0.4
V
level
OUTPUT STROBE (OSTRP/N)
Differential voltage
|OSTRP-OSTRN|
0.4
1.0
V
Internally biased
common-mode
0.2
V
voltage
Single-ended swing
–0.4
V
level
CMOS INTERFACE: ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TXENA
High-level input
0.7 ×
VIH
V
voltage
IOVDD2
Low-level input
0.3 ×
VIL
V
voltage
IOVDD2
High-level input
IIH
–40
40
µA
current
(1)
See LVDS Inputs section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1 V may result in degraded performance.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC34SH84


同様の部品番号 - DAC34SH84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

同様の説明 - DAC34SH84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com