データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7562-Q1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC7562-Q1
部品情報  Low-Power, Buffered, Voltage-Output DACs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7562-Q1 データシート(HTML) 5 Page - Texas Instruments

  DAC7562-Q1 Datasheet HTML 1Page - Texas Instruments DAC7562-Q1 Datasheet HTML 2Page - Texas Instruments DAC7562-Q1 Datasheet HTML 3Page - Texas Instruments DAC7562-Q1 Datasheet HTML 4Page - Texas Instruments DAC7562-Q1 Datasheet HTML 5Page - Texas Instruments DAC7562-Q1 Datasheet HTML 6Page - Texas Instruments DAC7562-Q1 Datasheet HTML 7Page - Texas Instruments DAC7562-Q1 Datasheet HTML 8Page - Texas Instruments DAC7562-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
DAC7562-Q1, DAC7563-Q1
DAC8162-Q1, DAC8163-Q1
DAC8562-Q1, DAC8563-Q1
www.ti.com
SLAS950A – MAY 2013 – REVISED JUNE 2015
7.5 Electrical Characteristics
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Using line passing through codes 512 and
DAC856x-Q1
Relative accuracy
±4
±12
LSB
65,024
Differential nonlinearity
16-bit monotonic
±0.2
±1
LSB
Resolution
14
Bits
Using line passing through codes 128 and
DAC816x-Q1
Relative accuracy
±1
±3
LSB
16,256
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
LSB
Resolution
12
Bits
DAC756x-Q1
Relative accuracy
Using line passing through codes 32 and 4,064
±0.3
±0.75
LSB
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
LSB
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±2
µV/°C
Full-scale error
DAC register loaded with all 1s
±0.03
±0.2
% FSR
Zero-code error
DAC register loaded with all 0s
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% FSR
Gain temperature coefficient
±1
ppm FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
AVDD
V
DACs unloaded
7
Output voltage settling time(3)
µs
RL = 1 MΩ
10
Measured between 20% - 80% of a full-scale
Slew rate
0.75
V/µs
transition
RL = ∞
1
Capacitive load stability
nF
RL = 2 kΩ
3
Code-change glitch impulse
1-LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
40
mV
1-LSB change around major carry. Includes
Code-change total glitch amplitude
glitch impulse and digital feedthrough.
3
mV
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
Full-scale swing on adjacent channel,
5
External reference
Channel-to-channel DC crosstalk
µV
Full-scale swing on adjacent channel,
15
Internal reference
DC output impedance
At mid-scale input
5
Ω
DAC outputs at full-scale, DAC outputs shorted
Short-circuit current
40
mA
to GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
AC PERFORMANCE(2)
DAC output noise density
TA = 25°C, at mid-scale input, fOUT = 1 kHz
90
nV/
√Hz
DAC output noise
TA = 25°C, at mid-scale input, 0.1 Hz to 10 Hz
2.6
µVPP
(1)
16-bit: codes 512 and 65,024; 14-bit: codes 128 and 16,256; 12-bit: codes 32 and 4,064
(2)
Specified by design or characterization
(3)
Transition time between ¼ scale and ¾ scale including settling to within ±0.024% FSR
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC7562-Q1 DAC7563-Q1 DAC8162-Q1 DAC8163-Q1 DAC8562-Q1 DAC8563-Q1


同様の部品番号 - DAC7562-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7562 TI1-DAC7562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562 TI-DAC7562 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

同様の説明 - DAC7562-Q1

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com