データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2212 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2212
部品情報  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2212 データシート(HTML) 7 Page - Texas Instruments

Back Button FDC2212 Datasheet HTML 3Page - Texas Instruments FDC2212 Datasheet HTML 4Page - Texas Instruments FDC2212 Datasheet HTML 5Page - Texas Instruments FDC2212 Datasheet HTML 6Page - Texas Instruments FDC2212 Datasheet HTML 7Page - Texas Instruments FDC2212 Datasheet HTML 8Page - Texas Instruments FDC2212 Datasheet HTML 9Page - Texas Instruments FDC2212 Datasheet HTML 10Page - Texas Instruments FDC2212 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
VCLKIN_HI
CLKIN high voltage threshold
0.7*VDD
V
fINTCLK
Internal master clock frequency
35
43.4
55
MHz
range
TCf_int_μ
Internal master clock temperature
–13
ppm/°C
coefficient mean
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
tSDWAKEUP
Wake-up time from SD high-low transition to I2C readback
2
ms
tSLEEPWAKEUP Wake-up time from sleep mode
0.05
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms
I2C TIMING CHARACTERISTICS
fSCL
Clock frequency
10
400
kHz
tLOW
Clock low time
1.3
μs
tHIGH
Clock high time
0.6
μs
Hold time (repeated) START condition: after this period, the first clock
tHD;STA
0.6
μs
pulse is generated
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
100
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spikes that must be suppressed by the input filter(1)
50
ns
(1)
This parameter is specified by design and/or characterization and is not tested in production.
Figure 1. I2C Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


同様の部品番号 - FDC2212

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212-Q1 TI1-FDC2212-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTT TI1-FDC2212DNTT Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212QDNTRQ1 TI1-FDC2212QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

同様の説明 - FDC2212

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
   Light-to-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com