データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93S46-125 データシート(PDF) 6 Page - STMicroelectronics

部品番号 M93S46-125
部品情報  Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-125 データシート(HTML) 6 Page - STMicroelectronics

Back Button M93S46-125 Datasheet HTML 2Page - STMicroelectronics M93S46-125 Datasheet HTML 3Page - STMicroelectronics M93S46-125 Datasheet HTML 4Page - STMicroelectronics M93S46-125 Datasheet HTML 5Page - STMicroelectronics M93S46-125 Datasheet HTML 6Page - STMicroelectronics M93S46-125 Datasheet HTML 7Page - STMicroelectronics M93S46-125 Datasheet HTML 8Page - STMicroelectronics M93S46-125 Datasheet HTML 9Page - STMicroelectronics M93S46-125 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Description
M93S66-125 M93S56-125 M93S46-125
6/28
Doc ID 022567 Rev 1
Chip Select Input (S) is held High, the M93Sx6-125 can output a sequential stream of data
words. In this way, the memory can be read as a data stream from 16 to 4096 bits (for the
M93S66-125), or continuously as the address counter automatically rolls over to 00h when
the highest address is reached.
Within the time required by a programming cycle (tW), up to 4 words may be written with
help of the Page Write instruction. the whole memory may also be erased, or set to a
predetermined pattern, by using the Write All instruction.
Within the memory, a user defined area may be protected against further Write instructions.
The size of this area is defined by the content of a Protection register, located outside of the
memory array. As a final protection step, data may be permanently protected by
programming a One Time Programming (OTP) bit which locks the Protection register
content.
Programming is internally self-timed (the external clock signal on Serial Clock (C) may be
stopped or left running after the start of a Write cycle) and does not require an erase cycle
prior to the Write instruction. The Write instruction writes 16 bits at a time into one of the
word locations of the M93Sx6-125, the Page Write instruction writes up to 4 words of 16 bits
to sequential locations, assuming in both cases that all addresses are outside the Write
protected area. After the start of the programming cycle, a Busy/Ready signal is available on
Serial Data Output (Q) when Chip Select Input (S) is driven High.
An internal Power-on Data Protection mechanism in the M93Sx6-125 inhibits the device
when the supply is too low.
Figure 2.
8-pin package connections (top view)
Note:
See Section 9: Package mechanical data section for package dimensions, and how to
identify pin-1.


同様の部品番号 - M93S46-125

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M93S46-BN3 STMICROELECTRONICS-M93S46-BN3 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-BN3G STMICROELECTRONICS-M93S46-BN3G Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-BN3P STMICROELECTRONICS-M93S46-BN3P Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-BN3T STMICROELECTRONICS-M93S46-BN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-BN3TG STMICROELECTRONICS-M93S46-BN3TG Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

同様の説明 - M93S46-125

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com