データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDF300PS28 データシート(PDF) 4 Page - XP Power Limited

部品番号 SDF300PS28
部品情報  Up to 600 W Peak Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDF300PS28 データシート(HTML) 4 Page - XP Power Limited

  SDF300PS28 Datasheet HTML 1Page - XP Power Limited SDF300PS28 Datasheet HTML 2Page - XP Power Limited SDF300PS28 Datasheet HTML 3Page - XP Power Limited SDF300PS28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Terminal block
3 pins 0.25
(6.35) center
HD-601-3P
INPUT CONNECTORS
Standard
Option ‘G’
NEUTRAL
FG
LINE
CN1
Mating JST part no.
VHR-5N or equivalent
(5 pin, 3 used)
Crimp contacts for JST
VHR Series:
SVH-21T-P1.1 - 22~18awg
SVH-41T-P1.1 - 20~16awg
14-May-13
SDF300
Application Notes
Connectors
Remote On/Off (INH)
Fan Fail (FF)
Power Good (PG)
Thermal Considerations
U Channel
CN3 INH
PSU
CN3 RTN
CN3 PG
+5 V
1 K
CN3 RTN
PSU
CN3 FF
CN3 RTN
Fan OK
Fan Fail
POWER NOT GOOD
POWER GOOD
AIR FLOW
15 CFM
AIR FLOW
15 CFM
Note:
1. Applying <0.3 V or short between pins
INH and RTN turns the output OFF.
2. Applying >4.5 V or open circuit
between pins INH and RTN turns
output ON.
3. The output will enter at hiccup mode.
Recommended maximum time is
3 minutes.
Note:
1. Open collector signal: 28 V maximum
voltage and 5 mA (maximum sink current)
Note:
Sink current = 6 mA, Source current = 1 mA
Power is good 100-500 ms after output is in regulation.
Power not good at least 1 ms before loss of regulation.
In order to ensure safe operation of the PSU in the
end-use equipment, the temperature of the components
listed in the table (right) must not be exceeded. See drawing
above for component locations. The temperature should be
monitored using K type thermocouples placed on the hottest
part of the component (out of any direct airflow).
Temperature Measurement
Component
Max Continuous Temp ºC
C26
85
C6
105
C21
105
L6
120
T1 Coil
120
Single Output Models
Dual Output Models
(1) Available for OEM quantities, contact Sales.
OUTPUT CONNECTORS
Standard
CN2
CN2
Mating JST part no.
VHR-6N or equivalent
RTN
V2
V1
Dual Output models
Terminal block M3 screws
0.33 (8.25) 3 pins
SIGNALS & FAN CONNECTORS
CN3
P.G
FF
RTN
INH
FAN1
+
-
FF
Mating JST Part No
XHP-3 with
SXH-002T-P0.6 Pins
Mating JST Part No
XHP-4 Housing
SXH-002T-P0.6 Pins
RTN
V2
V1
Dual Output models
Mating JST part no.
VHR-8N or equivalent
OPTIONAL OUTPUT CONNECTORS(1)
CN2
CN2
Option ‘D’ (Standard on 5-12 V models)
Option ‘H’ (only on dual output models
in convection-cooled applications)
Dinkle PCB terminals P-830 N
2 pins M5 screws


同様の部品番号 - SDF300PS28

メーカー部品番号データシート部品情報
logo
Nuvotem Talema
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2500 TALEMA-SDF-0.63-2500 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
More results

同様の説明 - SDF300PS28

メーカー部品番号データシート部品情報
logo
SIFIRST TECHNOLOGIES NA...
SFL960 SIFIRST-SFL960 Datasheet
121Kb / 2P
   600 MA peak drive capability, maximum power up to 100 W
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
   400 W rated power (440 W peak up to 10 s)
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
E-CMOS Corporation
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
   Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
   Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com