データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1042DQ1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1042DQ1
部品情報  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042DQ1 データシート(HTML) 4 Page - Texas Instruments

  TCAN1042DQ1 Datasheet HTML 1Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9 – FEBRUARY 2016
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VCC
5V bus supply voltage range
–0.3
+7
V
VIO
I/O Level Shifting Voltage Range
Devices with the "V" suffix
–0.3
+7
VBUS
CAN Bus I/O voltage range (CANH,
CANL)
Devices without the "H"
suffix
-58
+58
VBUS
CAN Bus I/O voltage range (CANH,
CANL)
Devices with the "H" suffix
-70
+70
V(Logic_Input)
Logic input terminal voltage range (TXD, STB)
–0.3
+7 and VI ≤ VIO + 0.3
V(Logic_Output)
Logic output terminal voltage range (RXD)
–0.3
+7 and VI ≤ VIO + 0.3
IO(RXD)
RXD (Receiver) output current
-8
+8
mA
TJ
Operating virtual junction temperature range (see Thermal
Information)
–55
150
°C
(1)
Tested in accordance to JEDEC Standard 22, Test Method A114.
(2)
Test method based upon JEDEC Standard 22 Test Method A114, CAN bus is stressed with respect to GND.
(3)
Tested in accordance to JEDEC Standard 22, Test Method C101.
(4)
Tested in accordance to JEDEC Standard 22, Test Method A115.
(5)
ISO7637 is a system level transient test. Results given here are specific to the GIFT-ICT CAN EMC Test specification conditions.
Different system level configurations may lead to different results.
7.2 ESD Ratings
TEST CONDITIONS
VALUE
UNIT
Human Body Model (HBM) ESD stress voltage
All terminals(1)
±6000
V
CAN bus terminals (CANH, CANL) to GND(2)
±10000
Charged Device Model (CDM) ESD stress voltage
All terminals(3)
±750
V
Machine Model (MM)
All terminals(4)
±200
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to
GND
SAE J2962-2 per ISO 10605:
Powered Air Discharge
±15000
V
SAE J2962-2 per ISO 10605:
Powered Contact Discharge
±8000
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to
GND
IEC 61400-4-2: Unpowered Air
Discharge
±15000
V
IEC 61400-4-2: Powered on
Contact Discharge
±8000
ISO7637-2 Transients according to GIFT - ICT CAN
EMC test specification(5)
CAN bus terminals
(CANH, CANL) to
GND
Pulse 1
–100
V
Pulse 2
+75
Pulse 3a
–150
Pulse 3b
+100
ISO7637-3 Transients
CAN bus terminals
(CANH, CANL) to
GND
Direct Coupling Capacitor
"Slow Transient Pulse" with
100nF coupling capacitor -
Powered
±85


同様の部品番号 - TCAN1042DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042DQ1 TI1-TCAN1042DQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042DQ1 TI1-TCAN1042DQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1042DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com