データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752CI-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752CI-Q1
部品情報  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CI-Q1 データシート(HTML) 4 Page - Texas Instruments

  TL16C752CI-Q1 Datasheet HTML 1Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 2Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 3Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 4Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 5Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 6Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 7Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 8Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
1
D5
36
RESET
2
D6
35
DTRB
3
D7
34
DTRA
4
RXB
33
RTSA
5
RXA
32
OPA
6
TXRDYB
31
RXRDYA
7
TXA
30
INTA
8
TXB
29
INTB
9
OPB
28
A0
10
CSA
27
A1
11
CSB
26
A2
12
NC
25
NC
4
TL16C752CI-Q1
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6 Pin Configurations and Function
PFB Package
48-Pin TQFP
Top View
NC – No internal connection
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
28
I
Address bit 0 select. Internal registers address selection. Refer to Figure 26 for register address map.
A1
27
I
Address bit 1 select. Internal registers address selection. Refer to Figure 26 for register address map.


同様の部品番号 - TL16C752CI-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752CIPFB TI-TL16C752CIPFB Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHB TI-TL16C752CIRHB Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752CI-Q1

メーカー部品番号データシート部品情報
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com