データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752CI-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752CI-Q1
部品情報  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CI-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button TL16C752CI-Q1 Datasheet HTML 4Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 5Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 6Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 7Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 8Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 9Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 10Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 11Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
TL16C752CI-Q1
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TL16C752CI-Q1
UNIT
PFB (TQFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
61
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 1.8 V
VOH
High-level output voltage
IOH = –0.5 mA
1.3
V
VOL
Low-level output voltage
IOL = 1 mA
0.5
V
II
Input current
VCC = 1.98 V,
VI = 0 to 1.98 V,
VSS = 0,
All other terminals floating
10
μA
IOZ
High-impedance state
output current
VCC = 1.98 V,
VO = 0 to 1.98 V,
VSS = 0,
±20
μA
Chip selected in write mode or chip deselect
ICC
Supply current
VCC = 1.98 V,
TA = 70°C,
4.5
mA
DSR, CTS, and RI at 2 V,
All other inputs at 0.4 V,
No load on outputs,
XTAL1 at 16 MHz,
Baud rate = 1 Mbps
CI(CLK)
Clock input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CO(CLK)
Clock output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CI
Input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
6
10
pF
CO
Output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
10
15
pF
VCC = 2.5 V
VOH
High-level output voltage
IOH = –1 mA
1.8
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
II
Input current
VCC = 2.75 V,
VI = 0 to 2.75 V,
VSS = 0,
All other terminals floating
10
μA
IOZ
High-impedance state
output current
VCC = 2.75 V,
VO = 0 to 2.75 V,
VSS = 0,
±20
μA
Chip selected in write mode or chip deselect
ICC
Supply current
VCC = 2.75 V,
TA = 70°C,
9
mA
DCD, CTS, and RI at 2 V,
All other inputs at 0.6 V,
No load on outputs,
XTAL1 at 24 MHz,
Baud rate = 1.5 Mbps
CI(CLK)
Clock input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CO(CLK)
Clock output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF


同様の部品番号 - TL16C752CI-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752CIPFB TI-TL16C752CIPFB Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHB TI-TL16C752CIRHB Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752CI-Q1

メーカー部品番号データシート部品情報
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com