データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1042HGVDRQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1042HGVDRQ1
部品情報  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HGVDRQ1 データシート(HTML) 3 Page - Texas Instruments

  TCAN1042HGVDRQ1 Datasheet HTML 1Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042HGVDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TXD
RXD
GND
VCC
STB
CANH
CANL
VIO
1
2
3
4
8
7
6
5
TXD
RXD
GND
VCC
STB
CANH
CANL
NC
1
2
3
4
8
7
6
5
3
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
www.ti.com
SLLSES9 – FEBRUARY 2016
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NUMBER
BUS FAULT PROTECTION
5-Mbps FLEXIBLE DATA
RATE
3-V LEVEL SHIFTER
INTEGRATED
PIN 8 MODE SELECTION
TCAN1042-Q1 (Base)
±58 V
Low Power Standby Mode
with Remote Wake
TCAN1042G-Q1
±58 V
X
TCAN1042GV-Q1
±58 V
X
X
TCAN1042V-Q1
±58 V
X
TCAN1042H-Q1
±70 V
TCAN1042HG-Q1
±70 V
X
TCAN1042HGV-Q1
±70 V
X
X
TCAN1042HV-Q1
±70 V
X
6 Pin Configurations and Functions
D Package for Base, (H), (G), and (HG)
8 PIN (SOIC)
Top View
D Package for (V), (HV), (GV), and (HGV)
8 PIN (SOIC)
Top View
Pin Functions
PINS
TYPE
DESCRIPTION
NAME
Base, (H),
(G), (HG)
(V), (HV),
(GV), (HGV)
TXD
1
1
I
CAN transmit data input (LOW for dominant and HIGH for recessive bus states)
GND
2
2
GND
Ground connection
VCC
3
3
I
Transceiver 5-V supply voltage
RXD
4
4
O
CAN receive data output (LOW for dominant and HIGH for recessive bus states)
NC
5
No Connect
VIO
5
I
Transceiver I/O level shifting supply voltage (Devices with "V" suffix only)
CANL
6
6
I/O
Low level CAN bus line
CANH
7
7
I/O
High level CAN bus line
STB
8
8
I
Standby Mode control input (active high)


同様の部品番号 - TCAN1042HGVDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1042HGVDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com