データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAL-CC25-01D3 データシート(PDF) 5 Page - STMicroelectronics

部品番号 BAL-CC25-01D3
部品情報  50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC25-01D3 データシート(HTML) 5 Page - STMicroelectronics

  BAL-CC25-01D3 Datasheet HTML 1Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID024657 Rev 4
5/10
BAL-CC25-01D3
Package information
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 8. Flip-Chip package outline
Table 3. Flip-Chip package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
A
Bump height + substrate thickness
0.570
0.630
0.690
mm
A1
Bump height
0.155
0.205
0.255
mm
A2
Substrate thickness
0.400
mm
b
Bump diameter
0.215
0.255
0.295
mm
D
Y dimension of the die
0.890
0.940
0.990
mm
D1
Y pitch
0.500
mm
E
X dimension of the die
0.890
0.940
0.990
mm
E1
X pitch
0.500
mm
SE
0.250
mm
fD
Distance from bump to edge of die on Y
axis
0.220
mm
fE
Distance from bump to edge of die on X
axis
0.220
mm
ccc
0.05
mm
$0.025
mm


同様の部品番号 - BAL-CC25-01D3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

同様の説明 - BAL-CC25-01D3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
DS12205 - Rev 3 - April 2018
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
logo
Johanson Technology Inc...
2450FB15M0001 JOHANSON-2450FB15M0001 Datasheet
117Kb / 2P
   2.45 GHz Balun / Filter Combination, conjugate match for MTK chipset
logo
STMicroelectronics
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
DS12630 - Rev 1 - July 2018
logo
Johanson Technology Inc...
2450FB15M0001 JOHANSON-2450FB15M0001_09 Datasheet
272Kb / 3P
   2.45 GHz Filter Balun, conjugate match for MTK and BC05 chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com