データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ61 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 BUZ61
部品情報  SIPMOS Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ61 データシート(HTML) 1 Page - Infineon Technologies AG

  BUZ61 Datasheet HTML 1Page - Infineon Technologies AG BUZ61 Datasheet HTML 2Page - Infineon Technologies AG BUZ61 Datasheet HTML 3Page - Infineon Technologies AG BUZ61 Datasheet HTML 4Page - Infineon Technologies AG BUZ61 Datasheet HTML 5Page - Infineon Technologies AG BUZ61 Datasheet HTML 6Page - Infineon Technologies AG BUZ61 Datasheet HTML 7Page - Infineon Technologies AG BUZ61 Datasheet HTML 8Page - Infineon Technologies AG BUZ61 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 61
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 61
400 V
12.5 A
0.4
TO-220 AB
C67078-S1341-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 27 °C
ID
12.5
A
Pulsed drain current
TC = 25 °C
IDpuls
50
Avalanche current,limited by Tjmax
IAR
12.5
Avalanche energy,periodic limited by Tjmax
EAR
13
mJ
Avalanche energy, single pulse
ID = 12.5 A, VDD = 50 V, RGS = 25
L
= 6.38 mH, Tj = 25 °C
EAS
570
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
150
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
0.83
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


同様の部品番号 - BUZ61

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ61 SIEMENS-BUZ61 Datasheet
192Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ61 ISC-BUZ61 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ61A SIEMENS-BUZ61A Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ61A INFINEON-BUZ61A Datasheet
147Kb / 9P
   SIPMOS Power Transistor
07/96
logo
Inchange Semiconductor ...
BUZ61A ISC-BUZ61A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - BUZ61

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com