データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD20P3H6AG データシート(PDF) 4 Page - STMicroelectronics

部品番号 STD20P3H6AG
部品情報  High avalanche ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20P3H6AG データシート(HTML) 4 Page - STMicroelectronics

  STD20P3H6AG Datasheet HTML 1Page - STMicroelectronics STD20P3H6AG Datasheet HTML 2Page - STMicroelectronics STD20P3H6AG Datasheet HTML 3Page - STMicroelectronics STD20P3H6AG Datasheet HTML 4Page - STMicroelectronics STD20P3H6AG Datasheet HTML 5Page - STMicroelectronics STD20P3H6AG Datasheet HTML 6Page - STMicroelectronics STD20P3H6AG Datasheet HTML 7Page - STMicroelectronics STD20P3H6AG Datasheet HTML 8Page - STMicroelectronics STD20P3H6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD20P3H6AG
4/15
DocID028377 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = -250 µA
-30
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = -30 V
-1
µA
VGS = 0 V, VDS = -30 V,
Tcase = 125 °C
-10
IGSS
Gate-body leakage current
VDS = 0 V, VGS = -20 V
-100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-2
-4
V
RDS(on)
Static drain-source on-
resistance
VGS = -10 V, ID = -10 A
33
50
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz, VGS = 0 V
-
635
-
pF
Coss
Output
capacitance
-
155
-
Crss
Reverse transfer
capacitance
-
100
-
Qg
Total gate charge
VDD = -15 V, ID = -20 A, VGS = -10 V
(see Figure 14: "Gate charge test
circuit")
-
12.8
-
nC
Qgs
Gate-source
charge
-
4.4
-
Qgd
Gate-drain charge
-
3.4
-
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = -15 V, ID = -10 A RG = 4.7 Ω, VGS = -
10 V (see Figure 13: "Switching times test
circuit for resistive load" )
-
9.4
-
ns
tr
Rise time
-
28.2
-
td(off)
Turn-off
delay time
-
15.8
-
tf
Fall time
-
6.25
-


同様の部品番号 - STD20P3H6AG

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
STD20 COOPER-STD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Littelfuse
STD200 LITTELFUSE-STD200 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
Sirectifier Semiconduct...
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
STMicroelectronics
STD2000 STMICROELECTRONICS-STD2000 Datasheet
262Kb / 11P
   Single-Chip Worldwide iDTV Processor
More results

同様の説明 - STD20P3H6AG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com