データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP112-ETDJ6F データシート(PDF) 6 Page - STMicroelectronics

部品番号 STBP112-ETDJ6F
部品情報  Overvoltage protection device
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-ETDJ6F データシート(HTML) 6 Page - STMicroelectronics

Back Button STBP112-ETDJ6F Datasheet HTML 2Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 3Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 4Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 5Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 6Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 7Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 8Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 9Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Description
STBP112
6/38
Doc ID 023357 Rev 3
1
Description
The STBP112 device provides overvoltage protection for input voltage up to +28 V. Its low
RDS(on) N-channel MOSFET switch protects the systems connected to the OUT pin against
failures of the DC power supplies in accordance with the China MII Communications
Standard YD/T 1591-2006.
In the event of an input overvoltage condition, the device immediately disconnects the DC
power supply by turning off an internal low RDS(on) N-channel MOSFET to prevent damage
to protected components.
In addition, the device also monitors its own junction temperature and switches off the
internal MOSFET if the junction temperature exceeds the specified limit.
The device can be controlled by the microcontroller and can also provide status information
about fault conditions.
The STBP112 is offered in a small, RoHS-compliant 8-lead TDFN (2 mm x 2 mm) package.
Figure 1.
Logic diagram
Figure 2.
Pinout
1.
Exposed thermal pad may be tied to GND.


同様の部品番号 - STBP112-ETDJ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110ATDJ6F STMICROELECTRONICS-STBP110ATDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AUDJ6F STMICROELECTRONICS-STBP110AUDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AVDJ6F STMICROELECTRONICS-STBP110AVDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110BTDJ6F STMICROELECTRONICS-STBP110BTDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
More results

同様の説明 - STBP112-ETDJ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
   Overvoltage protection device with thermal shutdown
logo
Tyco Electronics
ROV10 MACOM-ROV10 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com