データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP112-ETDJ6F データシート(PDF) 1 Page - STMicroelectronics

部品番号 STBP112-ETDJ6F
部品情報  Overvoltage protection device
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-ETDJ6F データシート(HTML) 1 Page - STMicroelectronics

  STBP112-ETDJ6F Datasheet HTML 1Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 2Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 3Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 4Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 5Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 6Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 7Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 8Page - STMicroelectronics STBP112-ETDJ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
December 2012
Doc ID 023357 Rev 3
1/38
1
STBP112
Overvoltage protection device
Datasheet - production data
Features
Input overvoltage protection up to 28 V
Integrated high voltage N-channel MOSFET
switch - low RDS(on) of 165 mΩ
Integrated charge pump
Maximum continuous current of 2 A
Thermal shutdown
Soft-start feature to control the inrush current
Enable input (EN)
Fault indication output (FLT)
IN input ESD protection: ±15 kV air discharge,
±8 kV contact discharge (with 1 µF input
capacitor), ±2 kV HBM (standalone device)
Certain overvoltage options compliant with the
China Communications Standard YD/T 1591-
2006 (overvoltage protection only)
Small, RoHS compliant 2 x 2 x 0.75 mm TDFN
8-lead package with thermal pad.
Applications
Smart phones
Digital cameras
PDA and palmtop devices
MP3 players
Low power handheld devices.
TDFN 8-lead (2 x 2 x 0.75 mm)
www.st.com


同様の部品番号 - STBP112-ETDJ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110ATDJ6F STMICROELECTRONICS-STBP110ATDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AUDJ6F STMICROELECTRONICS-STBP110AUDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AVDJ6F STMICROELECTRONICS-STBP110AVDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110BTDJ6F STMICROELECTRONICS-STBP110BTDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
More results

同様の説明 - STBP112-ETDJ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
   Overvoltage protection device with thermal shutdown
logo
Tyco Electronics
ROV10 MACOM-ROV10 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com