データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0102-100PWR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0102-100PWR
部品情報  Two 256-Taps Digital Potentiometers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100PWR データシート(HTML) 8 Page - Texas Instruments

Back Button TPL0102-100PWR Datasheet HTML 4Page - Texas Instruments TPL0102-100PWR Datasheet HTML 5Page - Texas Instruments TPL0102-100PWR Datasheet HTML 6Page - Texas Instruments TPL0102-100PWR Datasheet HTML 7Page - Texas Instruments TPL0102-100PWR Datasheet HTML 8Page - Texas Instruments TPL0102-100PWR Datasheet HTML 9Page - Texas Instruments TPL0102-100PWR Datasheet HTML 10Page - Texas Instruments TPL0102-100PWR Datasheet HTML 11Page - Texas Instruments TPL0102-100PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
-0.4
-0.2
0
0.2
0.4
0
32
64
96
128
160
192
224
Digital Code
T = -40°C
A
T = 25°C
A
T = 85°C
A
V
= 5 V
DD
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
T = -40°C
A
T = 25°C
A
T = 85°C
A
-0.1
-0.2
-0.3
V
= 5 V
DD
0
32
64
96
128
160
192
224
Digital Code
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
0
32
64
96
128
160
192
224
Digital Code
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
-0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 5 V
DD
-0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 5 V
DD
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
7.8 Typical Characteristics
Figure 1. Voltage Divider Mode INL vs Digital Code (VDD = 5
Figure 2. Voltage Divider Mode DNL vs Digital Code (VDD = 5
V)
V)
Figure 3. Voltage Divider Mode INL vs Digital Code (25°C)
Figure 4. Voltage Divider Mode DNL vs Digital Code (25°C)
Figure 5. Rheostat Mode RINL vs Digital Code (VDD = 5 V)
Figure 6. Rheostat Mode RDNL vs Digital Code (VDD = 5 V)
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPL0102


同様の部品番号 - TPL0102-100PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results

同様の説明 - TPL0102-100PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
Renesas Technology Corp
X95820 RENESAS-X95820 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com