データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0102-100PWR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0102-100PWR
部品情報  Two 256-Taps Digital Potentiometers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100PWR データシート(HTML) 11 Page - Texas Instruments

Back Button TPL0102-100PWR Datasheet HTML 7Page - Texas Instruments TPL0102-100PWR Datasheet HTML 8Page - Texas Instruments TPL0102-100PWR Datasheet HTML 9Page - Texas Instruments TPL0102-100PWR Datasheet HTML 10Page - Texas Instruments TPL0102-100PWR Datasheet HTML 11Page - Texas Instruments TPL0102-100PWR Datasheet HTML 12Page - Texas Instruments TPL0102-100PWR Datasheet HTML 13Page - Texas Instruments TPL0102-100PWR Datasheet HTML 14Page - Texas Instruments TPL0102-100PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The TPL0102 has two linear-taper digital potentiometers with 256 wiper positions and an end-to-end resistance
of 100 k
Ω. Each potentiometer can be used as a three-terminal potentiometer or as a two-terminal rheostat. The
two potentiometers can both be used in Voltage Divider Mode, Rheostat Mode, or Shutdown Mode at the same
time, or any combination of those modes. For example, potentiometer A can be used in Voltage Divider Mode
and potentiometer B can be used in Voltage Divider Mode, or potentiometer A can be used in Voltage Divider
Mode and potentiometer B can be used in Rheostat Mode. The two potentiometers are functionally independent
of one another.
The High (H) and Low (L) terminals of the TPL0102 are equivalent to the fixed terminals of a mechanical
potentiometer. The H and L terminals do not have any polarity restrictions (H can be at a higher voltage than L,
or L can be at a higher voltage than H). The position of the wiper (W) terminal is controlled by the value in the
Wiper Resistance (WR) 8-bit register. When the WR register contains all zeroes (zero-scale), the wiper terminal
is closest to its L terminal. As the value of the WR register increases from all zeroes to all ones (full-scale), the
wiper moves monotonically from the position closest to L terminal to the position closest to the H terminal. At the
same time, the resistance between W and L increases monotonically, whereas the resistance between W and H
decreases monotonically.
The TPL0102 has non-volatile memory (EEPROM) which can be used to store the wiper position. When the
device is powered down, the last value stored in the Initial Value Register (IVR) will be maintained in the non-
volatile memory. When power is restored, the contents of the IVR are automatically recalled and loaded into the
corresponding WR register to set the wipers . The internal registers of the TPL0102 can be accessed using the
I2C interface. The factory-programmed default value for the IVR upon power up is 0x80h (1000 0000). The WR
register can be written to directly without first writing to the IVR, depending upon the setting of the volatile
memory (VOL) in the ACR (Access Control Register). If the WR register is written to directly without writing to the
IVR as well, this results in the wiper position changing to a desired position, but the position will not be stored in
memory and will not be reloaded upon powering up the device.
With one TPL0102, a variable resistor with 512 settings can be used since there are two potentiometers in one
TPL0102. In order to achieve this, the two potentiometers should be in Rheostat Mode and wired so that terminal
L of potentiometer B is tied to terminal W of potentiometer A. This will provide 512 settings between terminal L of
potentiometer A and terminal W of potentiometer B.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPL0102


同様の部品番号 - TPL0102-100PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results

同様の説明 - TPL0102-100PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
Renesas Technology Corp
X95820 RENESAS-X95820 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com