データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPTIC-47G1H5 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STPTIC-47G1H5
部品情報  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-47G1H5 データシート(HTML) 8 Page - STMicroelectronics

Back Button STPTIC-47G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 9Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 10Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 11Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Package information
STPTIC
8/13
DocID023772 Rev 4
Figure 9. µQFN-6L tape and reel specification
Figure 10. Flip Chip tape and reel specification
Dot identifying bump A1 location
User direction of unreeling
Typical dimensions in mm
4.0
4.0
2.0
Ø 1.55
1.05
1.45
0.25
User direction of unreeling
Typical dimensions in mm
A0 = 1.12 mm for 2n7, 3p3, 3p9, and 4p7
A0 = 1.32 mm for 5p6, 6p8, and 8p2
4.0
2.0
A1 location
2.0
Ø 1.55
0.36
0.76
0.25


同様の部品番号 - STPTIC-47G1H5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPTIC-47G1H5 STMICROELECTRONICS-STPTIC-47G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

同様の説明 - STPTIC-47G1H5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com