データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E6B06 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPD1E6B06
部品情報  Single-Channel ESD Protection Diode in 0201 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E6B06 データシート(HTML) 7 Page - Texas Instruments

Back Button TPD1E6B06_15 Datasheet HTML 3Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 4Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 5Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 6Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 7Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 8Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 9Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 10Page - Texas Instruments TPD1E6B06_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1
2
TPD1E6B06
www.ti.com
SLLSEB2E – FEBRUARY 2012 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The TPD1E6B06 is a single-channel TVS diode for ESD protection in a small 0201 package. The TPD1E6B06 is
rated to dissipate ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard
(Level 4), with ±15-kV contact discharge and ±15-kV air-gap ESD protection. The device has a back-to-back TVS
diode configuration for bipolar or bidirectional signal support. The 6-pF line capacitance is suitable to provide
transient voltage suppression circuit protection for a wide range of applications, supporting data rates up to
800 Mbps. Typical application interfaces for the TPD1E6B06 are audio lines (microphone, earphone, and
speakerphone), SD interfacing, keypad or other buttons, as well as the VBUS and ID pins of USB ports.
7.2 Functional Block Diagram
7.3 Feature Description
The TPD1E6B06 is a single-channel TVS diode for ESD protection. This device provides circuit protection from
ESD strikes up to ±15-kV contact and ±15-kV air-gap as specified in the IEC 61000-4-2 international standard.
The device can also handle up to 3.8 A of surge current (IEC61000-4-5 8/20
μs). The TPD1E6B06 has 6 pF
(typical) of capacitance which allows this device to support data rates up to 800 Mbps. Additionally, this low
capacitance can even be necessary for an audio signal (for example, if a Class D amplifier is used). The
TPD1E6B06 also has a small dynamic resistance of 0.55
Ω (typical). This makes the clamping voltage low when
it is protecting other circuits, which is crucial for protecting ICs during ESD events. The breakdown is bidirectional
so that this protection device is a good fit for GPIO and especially audio lines which carry bidirectional signals.
Low leakage current allows the diode to conserve power when working below the VRWM. The industrial
temperature range of –40°C to 125°C makes this ESD device to work well at extensive temperatures in most
environments. The space-saving 0201 package is designed for small electronic devices like mobile phones and
wearables.
7.4 Device Functional Modes
The TPD1E6B06 is a passive clamp that has low leakage during normal operation and activates whenever the
voltage between pin 1 and pin 2 goes above VRWM or below -VRWM. During IEC ESD events, transient voltages
as high as ±15 kV can be clamped between the two pins. When the voltages on the protected lines fall below the
trigger voltage, the device reverts back to the low leakage passive state.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD1E6B06


同様の部品番号 - TPD1E6B06_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results

同様の説明 - TPD1E6B06_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
[Old version datasheet]   ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
[Old version datasheet]   ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
   1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Shanghai Leiditech Elec...
PESD1421U005 LEIDITECH-PESD1421U005 Datasheet
755Kb / 6P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1621U005 LEIDITECH-PESD1621U005 Datasheet
1Mb / 5P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1821U005 LEIDITECH-PESD1821U005 Datasheet
2Mb / 3P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1221U005 LEIDITECH-PESD1221U005 Datasheet
641Kb / 6P
   Ultal Low Capacitance ESD Protection Diode in 0201
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com