データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD3E001DRYRG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD3E001DRYRG4
部品情報  Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3E001DRYRG4 データシート(HTML) 4 Page - Texas Instruments

  TPD3E001DRYRG4 Datasheet HTML 1Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD3E001DRYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPD3E001
SLLS683F – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
–0.3
7
V
VI/O
IO voltage tolerance
–0.3
VCC + 0.3
V
TJ
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
Peak pulse power (tp = 8/20 µs)
90
W
Peak pulse power (tp = 8/20 µs)
5.5
A
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
V(ESD)
Electrostatic discharge
V
IEC 61000-4-2 Contact Discharge
±8000
IEC 61000-4-2 Air-gap Discharge
±15000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC Pin
0.9
5.5
Operating Voltage
V
IOx Pin
0
VCC
Operating free-air temperature, TA
-40
85
°C
6.4 Thermal Information
TPD3E001
THERMAL METRIC(1)
DRL (SOT)
DRS (WSON)
DRY (USON)
UNIT
5 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
266.3
91.9
374.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
111.5
106.9
223.4
°C/W
RθJB
Junction-to-board thermal resistance
84.5
64.8
227.8
°C/W
ψJT
Junction-to-top characterization parameter
16.0
10.2
52.9
°C/W
ψJB
Junction-to-board characterization parameter
84.0
64.9
224.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
29.9
87.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPD3E001


同様の部品番号 - TPD3E001DRYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD3E001DRYRG4 TI-TPD3E001DRYRG4 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRYRG4 TI-TPD3E001DRYRG4 Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

同様の説明 - TPD3E001DRYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com