データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7S019 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPD7S019
部品情報  7-Channel Integrated ESD Solution for VGA Port
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 データシート(HTML) 5 Page - Texas Instruments

  TPD7S019_15 Datasheet HTML 1Page - Texas Instruments TPD7S019_15 Datasheet HTML 2Page - Texas Instruments TPD7S019_15 Datasheet HTML 3Page - Texas Instruments TPD7S019_15 Datasheet HTML 4Page - Texas Instruments TPD7S019_15 Datasheet HTML 5Page - Texas Instruments TPD7S019_15 Datasheet HTML 6Page - Texas Instruments TPD7S019_15 Datasheet HTML 7Page - Texas Instruments TPD7S019_15 Datasheet HTML 8Page - Texas Instruments TPD7S019_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPD7S019
www.ti.com
SLLSE33C – AUGUST 2010 – REVISED NOVEMBER 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC_VIDEO,
VCC_DDC,
Supply voltage
0
5.5
V
VCC_SYNC
VIO(VIDEO)
IO voltage
VIDEOx pins
0
VCC_VIDEO
V
VI(SYNC)
Input voltage
SYNC pins
0
VCC_SYNC
V
VI(DDC)
Input voltage
DDC_INx pins
0
5.5
V
VO(DDC)
Output voltage
DDC_INx Pins
0
5.5
V
TA
Operating temperature
–40
85
°C
6.4 Thermal Information
TPD7S019
THERMAL METRIC(1)
DBQ (SSOP)
RSV (UQFN)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
115.8
124.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
67.0
52.7
°C/W
RθJB
Junction-to-board thermal resistance
58.3
53.8
°C/W
ψJT
Junction-to-top characterization parameter
19.9
1.4
°C/W
ψJB
Junction-to-board characterization parameter
57.9
53.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC_VIDEO
VCC_VIDEO supply current
VCC_VIDEO = 5 V, VIDEO inputs at VCC_VIDEO or GND
1
10
µA
ICC_DDC
VCC_DDC supply current
VCC_DDC = 5 V
1
10
µA
VCC_SYNC supply current
VCC_SYNC = 5 V,
SYNC inputs at GND or
1
50
VCC_SYNC,
µA
SYNC outputs unloaded
ICC_SYNC
SYNC inputs at 3 V;
2.0
mA
SYNC outputs unloaded
IIO_VIDEO
VIDEO input/output pins
VIO_VIDEO = 3 V
0.01
1.0
µA
IOFF
DDC pin power down leakage current
VCC_DDC ≤ 0.4 V, VDDC_OUT = 5 V
0.01
1.0
µA
Diode forward voltage for lower clamp of VIDEO,
ID = 8 mA, lower clamp diode
–0.6
–0.8
–0.95
VD
V
DDC, SYNC output pins
RDYN_VIDEO
Dynamic resistance (VIDEO pins)
I = 1 A
1
Ω
VIH
High-level SYNC logic input voltage
VCC_SYNC = 5 V
2
V
VIL
Low-level SYNC logic input voltage
VCC_SYNC = 5 V
0.6
V
VOH
High-level SYNC logic output voltage
IOH = 0 mA, VCC_SYNC = 5 V
4.85
V
VOH
High-level SYNC logic output voltage
IOH = -24 mA, VCC_SYNC = 5 V
2
V
VOL
Low-level SYNC logic output voltage
IOL = 0 mA, VCC_SYNC = 5 V
0.15
V
VOL
Low-level SYNC logic output voltage
IOL = 24 mA, VCC_SYNC = 5 V
0.8
V
RT
SYNC driver output resistance
VCC_SYNC = 5 V, SYNC inputs at GND or 3 V
15
Ω
CIO_VIDEO
IO capacitance of VIDEO pins
VIO = 2.5 V, test frequency is 1 MHz
2.5
4
pF
tPLH
SYNC driver L => H propagation delay
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
12
ns
tPHL
SYNC driver H => L propagation delay
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
12
ns
tR, tF
SYNC driver output rise & fall times
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
4
ns
VBR
VIDEO ESD diode break-down voltage
IIO = 1 mA
9
V
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD7S019


同様の部品番号 - TPD7S019_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019-15DBQR TI-TPD7S019-15DBQR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15DBQR TI1-TPD7S019-15DBQR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI-TPD7S019-15RSVR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

同様の説明 - TPD7S019_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com