データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7S019-15DBQR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD7S019-15DBQR
部品情報  7-Channel Integrated ESD Solution for VGA Port
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019-15DBQR データシート(HTML) 3 Page - Texas Instruments

  TPD7S019-15DBQR Datasheet HTML 1Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 2Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 3Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 4Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 5Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 6Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 7Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 8Page - Texas Instruments TPD7S019-15DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VIDEO1
1
VIDEO2
2
VIDEO3
3
GND
4
12
SYNC_OUT1
11
SYNC_IN1
10
DDC_OUT2
9
DDC_IN2
16
15
14
13
8
5
6
7
TPD7S019
www.ti.com
SLLSE33C – AUGUST 2010 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
RSV Package
DBQ Package
16-Pin UQFN
16-Pin SSOP
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
RSV
NAME
DBQ NO.
NO.
BYP
Bypass pin. Using a 0.2-µF bypass capacitor will increase the ESD robustness of the
8
6
Power
system.
DDC_IN1
10
8
DDC signal input. Connects to the VGA controller side of one of the sync lines.
I
DDC_IN2
11
9
DDC_OUT1
9
7
DDC signal output. Connects to the video connector side of one of the sync lines.
O
DDC_OUT2
12
10
GND
6
4
Ground
SYNC_IN1
13
11
Sync signal buffer input. Connects to the VGA controller side of one of the sync lines.
I
SYNC_IN2
15
13
SYNC_OUT1
14
12
Sync signal buffer output. Connects to the video connector side of one of the sync lines
O
SYNC_OUT2
16
14
VCC_DDC
7
5
Power
Isolated supply input for the DDC_1 and DDC_2 level-shifting N-FET gates
VCC_SYNC
Isolated supply input for the SYNC_1 and SYNC_2 level shifters and their associated
1
15
Power
ESD protection circuits
VCC_VIDEO
2
16
Power
Supply pin specifically for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD protection circuits
VIDEO1
3
1
High-speed ESD clamp input
VIDEO2
4
2
ESD
VIDEO3
5
3
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD7S019


同様の部品番号 - TPD7S019-15DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019-15DBQR TI-TPD7S019-15DBQR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15DBQR TI1-TPD7S019-15DBQR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

同様の説明 - TPD7S019-15DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com