データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7S019-15RSVR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD7S019-15RSVR
部品情報  7-Channel Integrated ESD Solution for VGA Port
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019-15RSVR データシート(HTML) 1 Page - Texas Instruments

  TPD7S019-15RSVR Datasheet HTML 1Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 2Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 3Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 4Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 5Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 6Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 7Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 8Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD7S019
SLLSE33C – AUGUST 2010 – REVISED NOVEMBER 2015
TPD7S019 7-Channel Integrated ESD Solution for VGA Port With Integrated Level Shifter
and Matching Impedance
1 Features
3 Description
TPD7S019 device is an integrated electrostatic
1
7-Channel ESD Protection Includes ESD
discharge (ESD) circuit protection solution for VGA
Protection, Level-Shifting, Buffering and Sync
and DVI-I connectors. It integrates transient voltage
Impedance Matching
suppression (TVS) protection diodes for VIDEO, DDC
Exceeds IEC61000-4-2 (Level 4) ESD Protection
and SYNC signals and meets the IEC61000-4-2
to Requirements on the External Pins
standard for ±8-kV contact ESD protection. The TVS
diodes only add low capacitances to help signals run
±8-kV IEC 61000-4-2 Contact Discharge
at high-speed. It also provides level shifting for the
Very Low Loading Capacitance from ESD
DDC signals saving external level-shifters. Two
Protection Diodes on VIDEO Lines (2.5 pF)
noninverting drivers on HSYNC and VSYNC convert
5-V Drivers for HSYNC and VSYNC Lines
TTL input levels to CMOS output levels and each
buffer has a series termination resistor connected to
Integrated Impedance Matching Resistors on
the
SYNC_OUT
pin,
eliminating
the
external
Sync Lines
termination resistors. Three supply lines control the
Bidirectional Level Shifting N-Channel FETs
power rails of the VIDEO, DDC and SYNC channels
Provided for DDC_CLK and DDC_DATA
to
facilitate
interfacing
with
low
voltage
video
Channels
controller ICs in mixed supply-voltage environments.
Flow-Through Single-In-Line Pin Mapping Ensures
TPD7S019 comes with two package options. The 16-
pin RSV is compact and space-saving. The 16-pin
no Additional Board Layout Burden While Placing
DBQ package and pinout are optimized for easy
the ESD Protection Chip Near the Connector
board layout.
2 Applications
This ESD protection product is a good solution to
protect the VGA and DVI-I ports for desktop and
End Equipment:
laptop PCs, set top boxes, TVs and monitors.
Desktop and Notebook PCs
Set Top Boxes
Device Information(1)
TVs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SSOP (16)
4.90 mm × 3.90 mm
Interfaces:
TPD7S019
UQFN (16)
2.60 mm × 1.80 mm
VGA
(1) For all available packages, see the orderable addendum at
DVI-I
the end of the data sheet.
Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPD7S019-15RSVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019-15RSVR TI-TPD7S019-15RSVR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

同様の説明 - TPD7S019-15RSVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com