データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD8S009DSMR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD8S009DSMR
部品情報  8-Channel ESD Protection for DisplayPort and HDMI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD8S009DSMR データシート(HTML) 5 Page - Texas Instruments

  TPD8S009DSMR Datasheet HTML 1Page - Texas Instruments TPD8S009DSMR Datasheet HTML 2Page - Texas Instruments TPD8S009DSMR Datasheet HTML 3Page - Texas Instruments TPD8S009DSMR Datasheet HTML 4Page - Texas Instruments TPD8S009DSMR Datasheet HTML 5Page - Texas Instruments TPD8S009DSMR Datasheet HTML 6Page - Texas Instruments TPD8S009DSMR Datasheet HTML 7Page - Texas Instruments TPD8S009DSMR Datasheet HTML 8Page - Texas Instruments TPD8S009DSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Time (ns)
–80
–40
0
40
80
120
160
200
240
0
20
40
60
80
100
120
140
160
180
200
–240
–200
–160
–120
–80
–40
0
40
80
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
6
12
18
24
30
36
42
48
Power (W)
Current (A)
Frequency (Hz)
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1.0E+00
1.0E+02
1.0E+04
1.0E+06
1.0E+08
1.0E+10
D0+
D0-
D1+
D1-
D2+
D2-
TPD8S009
www.ti.com
SLVS816A – JULY 2008 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse standoff voltage
Any IO pin to ground
5.5
V
VBR
Breakdown voltage
IIO = 1 mA
Any IO pin to ground
9
V
IIO
IO port current
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
μA
Ioff
Current from IO port to supply pins
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
μA
VD
Diode forward voltage
IIO = 8 mA
Lower clamp diode
0.6
0.8
0.95
V
RDYN
Dynamic resistance
I = 1 A
Any IO pin
1.1
CIO
IO capacitance
VCC = 5 V, VIO = 2.5 V
Any IO pin
0.8
pF
ICC
Operating supply current
VIO = Open, VCC = 5 V
VCC pin
0.1
1
μA
6.6 Typical Characteristics
Figure 1. Insertion Loss vs Frequency
Figure 2. Peak Pulse Waveforms
Figure 3. IEC Clamping Waveforms
Figure 4. Figure 3. IEC Clamping Waveforms
(8-kV Contact)
(–8-kV Contact)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD8S009


同様の部品番号 - TPD8S009DSMR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
More results

同様の説明 - TPD8S009DSMR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
logo
STMicroelectronics
DPIULC6 STMICROELECTRONICS-DPIULC6 Datasheet
193Kb / 9P
   ESD protection for internal DisplayPort?
April 2010 Rev 2
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
Semtech Corporation
RCLAMP0544M SEMTECH-RCLAMP0544M Datasheet
424Kb / 11P
   RailClamp짰 ESD Protection for HDMI Interfaces
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com