データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSAG130100 データシート(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SSAG130100
部品情報  Recoil Type for Single-side and Both Sides
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG130100 データシート(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAG130100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG130100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG130100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG130100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG130100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
85
85
3
1.1
8.8
5
hole
+0.1
0
2-ø0.9
4-0.7
1
1
1
1.1
2
Travel:Momentary
A B C
Travel:With detent
 B→A 
1N  
Operating force : B→C C→B 1.5N
1.5
1.4
1.5
0.9
0.2
Terminal No.1
4-0.4
9.05
1
1
1
L
A
10.17
5
2-ø0.8
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from the direction A)
0.45
hole
+0.1
0
2-ø0.9
4-0.7
1.2
8
1.2
5
8.92
1
1
1
No.
1
1
  →  
→ →
0.45
hole
+0.1
0
2-ø0.9
4-0.7
1.2
8
1.2
5
8.92
1
1
1
5
R
4-0.4
9.05
1
1
1
Travel:With detent
A B C
Travel:Momentary
1.4
1.5
1.5
0.9
0.2
 B→C 
Operating force : B→A A→B 1.5N
1N
Terminal No.1
0.12
8.77
2-ø0.8
A
With boss
With boss
With boss
SSAG/Recoil Type for Single-side and Both Sides


同様の部品番号 - SSAG130100

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SSAG130100 ALPS-SSAG130100 Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
More results

同様の説明 - SSAG130100

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
logo
PHOENIX CONTACT
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
   Housing cover,for connection on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
   Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
   Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
   Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
   Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
   Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
   Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
   Housing cover,for connection on both sides
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
   Naturally tacky on both sides
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com