データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSAH データシート(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SSAH
部品情報  Low-profile type with 0.9mm in height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAH データシート(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAH_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
78
78
1
0.7
7
11 1
1
9.1
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from the direction A)
No.
1
2
Circuit Diagram(Viewed from Direction A)
1
2
3
4
c
0.4
1
1
1
1.2
1.5
1.5
ab
c
Travel
0.5
0.5
9.5
PC board mounting face
1.5
3
0.1
1
0.7
11 1
1
9.1
Terminal No.
A
0.9N
a
b
c
b
J
J
}
1.2N
b
a
b
c
J
J
}
J
J
J
J
With boss
0.9(H)mm, 1.5mm-travel Surface Mount Type
SSAH


同様の部品番号 - SSAH_15

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SSAH110100 ALPS-SSAH110100 Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
More results

同様の説明 - SSAH_15

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SKST ALPS-SKST Datasheet
918Kb / 3P
   Quiet Type with 0.9mm Stroke (Surface Mount Type)
logo
SHINMEI ELECTRIC CO., L...
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
   Height 0.9mm, Compact Sized Side Push Type Tactile Switches
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
   Low-profile with High Operation Force (Snap-in Type)
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RS60N111900H ALPS-RS60N111900H_15 Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
   0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKRR ALPS-SKRR Datasheet
192Kb / 3P
   0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
SUYIN USA, INC.
100042MB019SX15ZA SUYIN-USA-100042MB019SX15ZA Datasheet
316Kb / 3P
   HDMI Receptacle SMT Type With Flange Low Profile Type
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com