データシートサーチシステム |
|
SSAG330200 データシート(PDF) 5 Page - ALPS ELECTRIC CO.,LTD. |
|
SSAG330200 データシート(HTML) 5 Page - ALPS ELECTRIC CO.,LTD. |
5 / 5 page 111 111 300 200 100 A max. B D C E Time (s) F max. Pre-heating Room temperature 1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board’s temperature greatly differs from that of the switch, depending on the PC board’s material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended. Notes Example of Reflow Soldering Condition 1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface). A heat resisting tape should be used for fixed measurement. 3. Temperature profile Slide Switches Soldering Conditions SSSS8 SSSS7 SSAC Soldering temperature Duration of immersion Preheating temperature Preheating time SSAH, SSAG, SSAJ, SSAL SSSS9 SSSS2 SSSF, SSSU Series Series 3+1/0s 4s max. 3s max. 3s max. 3s max. 3s max. 2s max. Items Soldering time Dip soldering SSSS9 SSSS2 120℃ max. 100℃ max. 100℃ max. 100℃ max. 60s max. 60s max. 60s max. 60s max. 260±5℃ 260±5℃ 5+0/-1s(2 times) 3±1s SSSF, SSSU 260±5℃ 10±1s/5±1s SSAC 260±5℃ 5±1s Reference for Hand Soldering Reference for Dip Soldering (For PC board terminal types) 330±5℃ 320±5℃ 300±10℃ 350±10℃ 350±10℃ 350±10℃ 350±5℃ Soldering temperature SSSS2 Vertical 1-pole, 3-position Vertical 1-pole, 2-position Horizontal 1-pole, 2-position 1-pole, 3-position 2-pole, 3-position SSSS7 SSAH, SSAG, SSAJ, SSAL, SSSS8 260 150 Series(Reflow type) 260 250 230 40 180 120 A(℃) 3s max. B(℃) C(s) D(℃) E(℃) F(s) |
同様の部品番号 - SSAG330200 |
|
同様の説明 - SSAG330200 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |