データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSAG330300 データシート(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SSAG330300
部品情報  Recoil Type for Single-side and Both Sides
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG330300 データシート(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSAG330300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
111
111
300
200
100
A max.
B
D
C
E
Time (s)
F max.
Pre-heating
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the
PC board’s temperature greatly differs from that of the switch, depending on the PC board’s material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly
recommended.
Notes
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
Slide Switches Soldering Conditions
SSSS8
SSSS7
SSAC
Soldering temperature
Duration of immersion
Preheating temperature
Preheating time
SSAH, SSAG, SSAJ, SSAL
SSSS9
SSSS2
SSSF, SSSU
Series
Series
3+1/0s
4s max.
3s max.
3s max.
3s max.
3s max.
2s max.
Items
Soldering time
Dip soldering
SSSS9
SSSS2
120℃ max.
100℃ max.
100℃ max.
100℃ max.
60s max.
60s max.
60s max.
60s max.
260±5℃
260±5℃
5+0/-1s(2 times)
3±1s
SSSF, SSSU
260±5℃
10±1s/5±1s
SSAC
260±5℃
5±1s
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types)
330±5℃
320±5℃
300±10℃
350±10℃
350±10℃
350±10℃
350±5℃
Soldering temperature
SSSS2
Vertical
1-pole, 3-position
Vertical
1-pole, 2-position
Horizontal
1-pole, 2-position
1-pole, 3-position
2-pole, 3-position
SSSS7
SSAH, SSAG, SSAJ, SSAL, SSSS8
260
150
Series(Reflow type)
260
250
230
40
180
120
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)


同様の部品番号 - SSAG330300

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SSAG330300 ALPS-SSAG330300 Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
More results

同様の説明 - SSAG330300

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
logo
PHOENIX CONTACT
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
   Housing cover,for connection on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
   Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
   Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
   Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
   Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
   Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
   Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
   Housing cover,for connection on both sides
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
   Naturally tacky on both sides
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com