データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDU5660S600 データシート(PDF) 2 Page - XP Power Limited

部品番号 LDU5660S600
部品情報  Constant Current Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU5660S600 データシート(HTML) 2 Page - XP Power Limited

  LDU5660S600 Datasheet HTML 1Page - XP Power Limited LDU5660S600 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29-Oct-13
LDU56
Mechanical Details
Application Notes
Models and Ratings
Output Power Input Voltage Range
Output Voltage
Output Ripple & Noise Output Current Output Current
Accuracy
Efficiency
Model Number(1)
16.8 W
9-60 V
2-56 V
250 mV
300 mA
±6%
97%
LDU5660S300
19.6 W
9-60 V
2-56 V
300 mV
350 mA
±5%
97%
LDU5660S350
28.0 W
9-60 V
2-56 V
350 mV
500 mA
±5%
97%
LDU5660S500
33.6 W
9-60 V
2-56 V
400 mV
600 mA
±5%
97%
LDU5660S600
39.2 W
9-60 V
2-56 V
400 mV
700 mA
±5%
97%
LDU5660S700
50.0 W
9-60 V
2-56 V
450 mV
1000 mA
±5%
97%
LDU5660S1000
With Dimming Control
+Vout
-Vout
C2
C1
L1
LDU56
C3
+Vin
-Vin
+Vout
-Vout
C2
C1
L1
LDU56-WD
C3
+Vin
-Vin
L2
+LED
GND
+LED
GND
Input Filter to meet Class B Conducted Emissions
C1
C2
L
C3
LDU5660Sxxx
2220,475K,100V,X7R 2220,475K,100V,X7R
68 µH
100 µF/100 V
LDU
+Vout
- Vout
-Vin
GND
PWM
0V
5.0V
Control
Output Current Adjustment by PWM
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the control pin.
The output current can be determined using the equation : Iout = Rated Max I x Dpwm
Dpwm = PWM duty cycle
1. Add suffix ‘-W’ for wired version, e.g. LDU5660S500-W, or ‘-WD’ for wired version with dimming function e.g. LDU5660S500-WD.
1.25
(31.75)
0.80
(20.32)
0.02
(0.50)
0.10
(2.54)
0.60
(15.24)
0.49
(12.45)
0.12
(3.05)
0.80
(20.32)
0.60
(15.24)
0.90
(22.86)
DIA.
Bottom View
2
34
9
11
23 22
16
14
0.49
(12.45)
3.94
(100.0)
0.39
(10.0)
Stripped
& tinned
1.25
(31.75)
0.80
(20.32)
Bottom View
1
5
13
24
51
0.49
(12.45)
3.94
(100.0)
12
13
24
12
LDU56 Connections
LDU56
LDU56-W LDU56-WD
Function
2 & 3
1 (Black)
1 (Black)
-Vin: -DC supply
4
No Wire
5 (White)
Control
9 & 11
12 (Blue)
12 (Blue)
-Vout: LED cathode connection
14 & 16
13 (Yellow) 13 (Yellow) +Vout: LED anode connection
22 & 23
24 (Red)
24 (Red)
+Vin: +DC supply
Notes
1. All dimensions are in inches (mm)
2. Weight: LDU56 - 0.04 lbs (17.7 g) approx.
LDU56 (wired version) - 0.05 lbs (22.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch & length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Note: Do not connect pins 2 & 3 (-Vin) to pins 9 & 11 (-Vout)
LDU56
24 Pin DIL
LDU56
Wired versions
C1
C2
L1, L2
C3
LDU5660Sxxx-WD
2220,475K,100V,X7R 2220,475K,100V,X7R
47 µH
100 µF/100 V


同様の部品番号 - LDU5660S600

メーカー部品番号データシート部品情報
logo
XP Power Limited
LDU0516S300 XPPOWER-LDU0516S300 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0516S350 XPPOWER-LDU0516S350 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0716S500 XPPOWER-LDU0716S500 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU08 XPPOWER-LDU08 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S300 XPPOWER-LDU0830S300 Datasheet
339Kb / 4P
   LED Driver LDU Series
More results

同様の説明 - LDU5660S600

メーカー部品番号データシート部品情報
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com