データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS15L45CBY-TR データシート(PDF) 2 Page - STMicroelectronics

部品番号 STPS15L45CBY-TR
部品情報  Automotive low drop power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45CBY-TR データシート(HTML) 2 Page - STMicroelectronics

  STPS15L45CBY-TR Datasheet HTML 1Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 2Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 3Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 4Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 5Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 6Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 7Page - STMicroelectronics STPS15L45CBY-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS15L45C-Y
2/8
Doc ID018565 Rev 2
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
∆Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2. Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms voltage
10
A
IF(AV)
Average forward current
Tc = 140 °C
δ = 0.5
Per diode
Per device
7.5
15
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
IRRM
Peak repetitive reverse current
tp = 2 µs square
F = 1 kHz
1A
PARM
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
266
W
Tstg
Storage temperature range
-65 to
+175
°C
Tj
Maximum operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to
+150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
4
2.4
°C/W
Rth(c)
Coupling
0.7
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-1
mA
Tj = 125 °C
-
23
45
mA
dPtot
dTj
<
1
Rth(j-a)


同様の部品番号 - STPS15L45CBY-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
66Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS15L45CB ISC-STPS15L45CB Datasheet
273Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L45CB-TR STMICROELECTRONICS-STPS15L45CB-TR Datasheet
66Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS15L45CB-TR STMICROELECTRONICS-STPS15L45CB-TR Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
More results

同様の説明 - STPS15L45CBY-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com