データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC273DBLE データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74AHC273DBLE
部品情報  Octal D-Type Flip-Flops With Clear
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC273DBLE データシート(HTML) 11 Page - Texas Instruments

Back Button SN74AHC273DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 9Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 10Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 11Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 12Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 13Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 14Page - Texas Instruments SN74AHC273DBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
µC or
System Logic
CLR
V
GND
1Q
8Q
1D
8D
Regulated 3.3 V
5 V
System Logic
CC
CLK
SN54AHC273, SN74AHC273
www.ti.com
SCLS376I – JUNE 1997 – REVISED MARCH 2015
10 Application and Implementation
10.1 Application Information
The SNx4AHC273 is a low-drive CMOS device that can be used for a multitude of applications where output
ringing is a concern. The low drive and slow edge rates will minimize overshoot and undershoot on the outputs.
The inputs are tolerant to 5.5 V at any valid VCC. This feature makes the device ideal for translating down to the
VCC level. Figure 5 shows the reduction in ringing compared to higher drive parts such as AC.
10.2 Typical Application
Figure 4. Specific Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads, so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended input conditions
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
Specified High and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 25 mA per output and 75 mA total for the part
Outputs should not be pulled above VCC
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54AHC273 SN74AHC273


同様の部品番号 - SN74AHC273DBLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC273DBR TI-SN74AHC273DBR Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC273DBR TI-SN74AHC273DBR Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74AHC273DBLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com