データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC165D データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC165D
部品情報  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165D データシート(HTML) 6 Page - Texas Instruments

Back Button SN74HC165D Datasheet HTML 2Page - Texas Instruments SN74HC165D Datasheet HTML 3Page - Texas Instruments SN74HC165D Datasheet HTML 4Page - Texas Instruments SN74HC165D Datasheet HTML 5Page - Texas Instruments SN74HC165D Datasheet HTML 6Page - Texas Instruments SN74HC165D Datasheet HTML 7Page - Texas Instruments SN74HC165D Datasheet HTML 8Page - Texas Instruments SN74HC165D Datasheet HTML 9Page - Texas Instruments SN74HC165D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SN54HC165, SN74HC165
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics, SN74HC165 (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
II
VI = VCC or 0
TA = –40°C to 125°C
6 V
±1000
nA
TA = –40°C to 85°C
6 V
80
ICC
VI = VCC or 0,
IO = 0
µA
TA = –40°C to 125°C
160
Ci
Recommended TA = –40°C to 125°C
2 V to 6 V
10
pF
6.8 Switching Characteristics, TA = 25°C
over recommended operating free-air temperature range for both the SN74HC165 and SN54HC165, CL = 50 pF (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
2 V
6
13
fmax
4.5 V
31
50
MHz
6 V
36
62
2 V
80
150
SH/LD
QH or QH
4.5 V
20
30
6 V
16
26
2 V
75
150
tpd
CLK
QH or QH
4.5 V
15
30
ns
6 V
13
26
2 V
75
150
H
QH or QH
4.5 V
15
30
6 V
13
26
2 V
38
75
tt
Any
4.5 V
8
15
ns
6 V
6
13
6.9 Switching Characteristics, SN54HC165
over recommended operating free-air temperature range, TA = –55°C to 125°C, CL = 50 pF (unless otherwise noted) (see
Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
MAX
UNIT
2 V
4.2
fmax
4.5 V
21
MHz
6 V
25
2 V
225
SH/LD
QH or QH
4.5 V
45
6 V
38
2 V
225
tpd
CLK
QH or QH
4.5 V
45
ns
6 V
38
2 V
225
H
QH or QH
4.5 V
45
6 V
38
2 V
110
tt
Any
4.5 V
22
ns
6 V
19
6
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC165 SN74HC165


同様の部品番号 - SN74HC165D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC165D TI-SN74HC165D Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165D TI-SN74HC165D Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DBR TI-SN74HC165DBR Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DBR TI-SN74HC165DBR Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DBRE4 TI-SN74HC165DBRE4 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

同様の説明 - SN74HC165D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com