データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC125DT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC125DT
部品情報  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC125DT データシート(HTML) 8 Page - Texas Instruments

Back Button SN74HC125DT Datasheet HTML 4Page - Texas Instruments SN74HC125DT Datasheet HTML 5Page - Texas Instruments SN74HC125DT Datasheet HTML 6Page - Texas Instruments SN74HC125DT Datasheet HTML 7Page - Texas Instruments SN74HC125DT Datasheet HTML 8Page - Texas Instruments SN74HC125DT Datasheet HTML 9Page - Texas Instruments SN74HC125DT Datasheet HTML 10Page - Texas Instruments SN74HC125DT Datasheet HTML 11Page - Texas Instruments SN74HC125DT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
V
CC at 25ƒC
C002
SN54HC125
SN74HC125
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
www.ti.com
Switching Characteristics, SN54HC125, CL = 150 pF (continued)
over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
2 V
315
tt
Any
4.5 V
63
ns
6 V
53
6.13 Switching Characteristics, SN74HC125, CL = 150 pF
over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
2 V
190
tpd
A
Y
4.5 V
38
ns
6 V
32
2 V
170
ten
OE
Y
4.5 V
34
ns
6 V
29
2 V
265
tt
Any
4.5 V
53
ns
6 V
45
6.14 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
45
pF
6.15 Typical Characteristics
Figure 1. TPD vs VCC at 25°C
8
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC125 SN74HC125


同様の部品番号 - SN74HC125DT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC125DT TI-SN74HC125DT Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74HC125DTE4 TI-SN74HC125DTE4 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74HC125DTG4 TI-SN74HC125DTG4 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74HC125DT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com