データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC05PWRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC05PWRG4
部品情報  Hex Inverters With Open-Drain Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC05PWRG4 データシート(HTML) 5 Page - Texas Instruments

  SN74HC05PWRG4 Datasheet HTML 1Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 2Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 3Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 4Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 5Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 6Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 7Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 8Page - Texas Instruments SN74HC05PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN54HC05, SN74HC05
www.ti.com
SCLS080E – FEBRUARY 2015 – REVISED MARCH 2015
6.4 Thermal Information
SN74HC05
THERMAL METRIC(1)
D (SOIC)
N (PDIP)
NS (SOP)
PW (TSSOP)
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
89.1
85.9
86.4
117.1
RθJC(top)
Junction-to-case (top) thermal resistance
50.6
43.8
42.4
46.1
RθJB
Junction-to-board thermal resistance
43.3
44.6
45.1
58.7
°C/W
ψJT
Junction-to-top characterization parameter
16.3
12
11.8
4.8
ψJB
Junction-to-board characterization parameter
43
44.2
44.7
58.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
SN74HC05
SN74HC05
TA = 25°C
SN54HC05
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
IOH
VI = VIH or VIL, VO = VCC
6 V
0.01
0.5
10
5
5
µA
2 V
0.002
0.1
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
0.1
VI = VIH or
VOL
6 V
0.001
0.1
0.1
0.1
0.1
V
VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
±1000
nA
ICC
VI = VCC or 0, IO = 0
6 V
2
40
20
20
µA
Ci
2 to 6 V
3
10
10
10
10
pF
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 3)
SN74HC05
SN74HC05
VCC
TA = 25°C
SN54HC05
FROM
TO
–40°C to 85°C
–40°C to 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
60
115
175
145
160
tPLH
A
Y
4.5 V
13
23
35
29
31
6 V
10
20
30
25
28
2 V
45
85
130
105
120
tPHL
A
Y
4.5 V
9
17
26
21
23
ns
6 V
8
14
22
18
21
2 V
38
75
110
95
110
tf
Y
4.5 V
8
15
22
19
22
6 V
6
13
19
16
19
6.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54HC05 SN74HC05


同様の部品番号 - SN74HC05PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC05PWRG4 TI-SN74HC05PWRG4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

同様の説明 - SN74HC05PWRG4

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com