データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC08PWRG4 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC08PWRG4
部品情報  Quadruple 2-Input Positive-AND Gates
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC08PWRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AHC08PWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 9Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 10Page - Texas Instruments SN74AHC08PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN74AHC08, SN54AHC08
www.ti.com
SCLS236J – MARCH 1996 – REVISED DECEMBER 2015
7.9 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
FROM
TO
LOAD
PARAMETER
TA
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
4.3(1)
5.9(1)
TA = –55°C to 125°C, SN54AHC08
1(1)
7(1)
tPLH, tPHL
A or B
Y
CL = 15 pF
ns
TA = –40°C to 85°C, SN74AHC08
1
7
TA = –40°C to 125°C Recommended,
1
7
SN74AHC08
TA = 25°C
5.8
7.9
TA = –55°C to 125°C, SN54AHC08
1
9
tPLH, tPHL
A or B
Y
CL = 50 pF
ns
TA = –40°C to 85°C, SN74AHC08
1
9
TA = –40°C to 125°C Recommended,
1
9
SN74AHC08
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.10 Noise Characteristics, SN74AHC08
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.4
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
7.11 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load, f = 1 MHz
18
pF
7.12 Typical Characteristics
VCC = 5.5 V
Figure 1. AHC Family VOL vs IOL
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AHC08 SN54AHC08


同様の部品番号 - SN74AHC08PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC08PWRG4 TI-SN74AHC08PWRG4 Datasheet
737Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08PWRG4 TI-SN74AHC08PWRG4 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08PWRG4 TI-SN74AHC08PWRG4 Datasheet
2Mb / 39P
[Old version datasheet]   SNx4AHC08 Quadruple 2-Input Positive-AND Gates
REVISED JUNE 2023
More results

同様の説明 - SN74AHC08PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com