データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G57DRYR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G57DRYR
部品情報  Low-Power Configurable Multiple-Function Gate
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G57DRYR データシート(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G57DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 9Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 10Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 11Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 12Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 13Page - Texas Instruments SN74AUP1G57DRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
3
1
6
In2
In1
In0
4
Y
SN74AUP1G57
SCES503J – NOVEMBER 2003 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The AUP family is TI's premier solution to the low-power needs of the industry in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity,
which produces very low undershoot and overshoot characteristics.
The SN74AUP1G57 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
The device functions as an independent gate with Schmitt-trigger inputs, which allow for slow input transition and
better switching noise immunity at the input.
NanoStar package technology is a major breakthrough in IC packaging concepts, using the die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
This part is available in the TI NanoStar package. It has low static-power consumption with ICC = 0.9 μA
maximum and low dynamic power consumption (Cpd = 4.3 pF, Typical at 3.3 V).
The inputs have low capacitance, with typical Ci = 1.5 pF.
This part has low noise, with overshoot and undershoot less than 10% of VCC.
This part supports partial-power-down mode operation. When this part is powered down (VCC = 0 V), the leakage
current into the device is characterized by Ioff.
Schmitt-trigger inputs provide hysterisis and consistency in VIH / VIL.
It has a wide operating VCC range of 0.8 V to 3.6 V, and has been optimized for 3.3-V operation.
3.6-V I/O tolerant to support mixed-mode signal operation.
It has a low propagation delay of 5.3 ns at 3.3 V.
It is suitable for point-to-point applications.
8.4 Device Functional Modes
Table 1 lists all the functional modes of the SN74AUP1G57.
Table 1. Function Table
INPUTS
OUTPUT
Y
In2
In1
In0
L
L
L
H
L
L
H
L
L
H
L
H
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G57


同様の部品番号 - SN74AUP1G57DRYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G57DRYR TI-SN74AUP1G57DRYR Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DRYR TI-SN74AUP1G57DRYR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

同様の説明 - SN74AUP1G57DRYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com