データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC32T245 データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74AVC32T245
部品情報  32-Bit Dual-Supply Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245 データシート(HTML) 2 Page - Texas Instruments

  SN74AVC32T245_15 Datasheet HTML 1Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 2Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 3Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 4Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 5Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 6Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 7Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 8Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SN74AVC32T245
SCES553F – MAY 2004 – REVISED JULY 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 15
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 15
2
Applications ........................................................... 1
8.3
Feature Description ................................................ 15
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 16
4
Revision History..................................................... 2
9
Application and Implementation ........................ 17
5
Pin Configuration and Functions ......................... 3
9.1
Application Information .......................................... 17
6
Specifications......................................................... 6
9.2
EnableTimes ........................................................... 17
6.1
Absolute Maximum Ratings ..................................... 6
9.3
Typical Application ................................................. 18
6.2
ESD Ratings.............................................................. 6
10
Power Supply Recommendations ..................... 20
6.3
Recommended Operating Conditions ....................... 7
11
Layout................................................................... 20
6.4
Thermal Information .................................................. 7
11.1
Layout Guidelines ................................................. 20
6.5
Electrical Characteristics .......................................... 8
11.2
Layout Example .................................................... 20
6.6
Switching Characteristics: VCCA = 1.2 V ................... 9
12
Device and Documentation Support ................. 21
6.7
Switching Characteristics: VCCA = 1.5 V ± 0.1 V....... 9
12.1
Documentation Support ....................................... 21
6.8
Switching Characteristics: VCCA = 1.8 V ± 0.15 V... 10
12.2
Community Resources.......................................... 21
6.9
Switching Characteristics: VCCA = 2.5 V ± 0.2 V..... 10
12.3
Trademarks ........................................................... 21
6.10
Switching Characteristics: VCCA = 3.3 V ± 0.3 V... 11
12.4
Electrostatic Discharge Caution ............................ 21
6.11
Operating Characteristics...................................... 11
12.5
Glossary ................................................................ 21
6.12
Typical Characteristics .......................................... 12
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 14
Information ........................................................... 21
8
Detailed Description ............................................ 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2007) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC32T245


同様の部品番号 - SN74AVC32T245_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC32T245GKE TI1-SN74AVC32T245GKE Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI1-SN74AVC32T245GKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

同様の説明 - SN74AVC32T245_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com